Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3164805TL-60 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # HYB3164805TL-60
Description  8M x 8-Bit Dynamic RAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3164805TL-60 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  HYB3164805TL-60 Datasheet HTML 1Page - Siemens Semiconductor Group HYB3164805TL-60 Datasheet HTML 2Page - Siemens Semiconductor Group HYB3164805TL-60 Datasheet HTML 3Page - Siemens Semiconductor Group HYB3164805TL-60 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3164805TL-60 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3164805TL-60 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3164805TL-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3164805TL-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3164805TL-60 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Semiconductor Group
150
HYB3164(5)805J/T(L)-50/-60
8M x 8 EDO-DRAM
This HYB3164(5)805 is a 64 MBit dynamic RAM organized 8 388 608 x 8 bits. The device is
fabricated in SIEMENS/IBM most advanced first generation 64Mbit CMOS silicon gate process
technology. The circuit and process design allow this device to achieve high performance and low
power dissipation. The HYB3164(5)805 operates with a single 3.3 +/-0.3V power supply and
interfaces with either LVTTL or LVCMOS levels. Multiplexed address inputs permit the HYB
3164(5)805 to be packaged in a 500mil wide SOJ-34 or TSOP-34 plastic package. These packages
provide high system bit densities and are compatible with commonly used automatic testing and
insertion equipment.The HYB3164(5)805TL parts have a very low power „sleep mode“ supported
by Self Refresh.
Ordering Information
Pin Names
Type
Ordering
Code
Package
Descriptions
HYB 3164805J-50
on request
P-SOJ-34-1
500 mil DRAM (access time 50 ns)
HYB 3164805J-60
on request
P-SOJ-34-1
500 mil DRAM (access time 60 ns)
HYB 3164805T-50
on request
P-TSOPII-34-1
500 mil DRAM (access time 50 ns)
HYB 3164805T-60
on request
P-TSOPII-34-1
500 mil DRAM (access time 60 ns)
HYB 3164805TL-50 on request
P-TSOPII-34-1
500 mil DRAM (access time 50 ns)
HYB 3164805TL-60 on request
P-TSOPII-34-1
500 mil DRAM (access time 60 ns)
HYB 3165805J-50
on request
P-SOJ-34-1
500 mil DRAM (access time 50 ns)
HYB 3165805J-60
on request
P-SOJ-34-1
500 mil DRAM (access time 60 ns)
HYB 3165805T-50
on request
P-TSOPII-34-1
500 mil DRAM (access time 50 ns)
HYB 3165805T-60
on request
P-TSOPII-34-1
500 mil DRAM (access time 60 ns)
HYB 3165805TL-50 on request
P-TSOPII-34-1
500 mil DRAM (access time 50 ns)
HYB 3165805TL-60 on request
P-TSOPII-34-1
500 mil DRAM (access time 60 ns)
A0-A12
Address Inputs for HYB 3164805J/T(L)
A0-A11
Address Inputs for HYB 3165805J/T(L)
RAS
Row Address Strobe
OE
Output Enable
I/O1-I/O8
Data Input/Output
CAS
Column Address Strobe
WRITE
Read/Write Input
Vcc
Power Supply ( + 3.3V)
Vss
Ground


Similar Part No. - HYB3164805TL-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164805AJ SIEMENS-HYB3164805AJ Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164805AJ-40 SIEMENS-HYB3164805AJ-40 Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164805AJ-50 SIEMENS-HYB3164805AJ-50 Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164805AJ-60 SIEMENS-HYB3164805AJ-60 Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164805AT-40 SIEMENS-HYB3164805AT-40 Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
More results

Similar Description - HYB3164805TL-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164800J SIEMENS-HYB3164800J Datasheet
453Kb / 28P
   8M x 8-Bit Dynamic RAM
HYB3164805BJ SIEMENS-HYB3164805BJ Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164800AJ SIEMENS-HYB3164800AJ Datasheet
247Kb / 26P
   8M x 8-Bit Dynamic RAM
HYB3164805AJ SIEMENS-HYB3164805AJ Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
HYM328020S SIEMENS-HYM328020S Datasheet
53Kb / 10P
   8M x 32-Bit Dynamic RAM Module
HYM72V8020GS-50- SIEMENS-HYM72V8020GS-50- Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
HYM72V8000GS-50- SIEMENS-HYM72V8000GS-50- Datasheet
86Kb / 11P
   8M x 72-Bit Dynamic RAM Module
HYM368020S SIEMENS-HYM368020S Datasheet
102Kb / 10P
   8M x 36-Bit Dynamic RAM Module
HYB5117800BSJ-50 SIEMENS-HYB5117800BSJ-50 Datasheet
226Kb / 26P
   2M x 8-Bit Dynamic RAM
HYB3117800BSJ-50 SIEMENS-HYB3117800BSJ-50 Datasheet
260Kb / 26P
   2M x 8-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com