Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G8605-21 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # G8605-21
Description  Thermoelectrically cooled NIR (near infrared) detector with low noise and high-speed response
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G8605-21 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  G8605-21 Datasheet HTML 1Page - Hamamatsu Corporation G8605-21 Datasheet HTML 2Page - Hamamatsu Corporation G8605-21 Datasheet HTML 3Page - Hamamatsu Corporation G8605-21 Datasheet HTML 4Page - Hamamatsu Corporation G8605-21 Datasheet HTML 5Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
InGaAs PIN photodiodes
G8605 series
3
Thermistor temperature characteristic
Cooling characteristics of TE-cooler
Element temperature (°C)
10
3
(Typ.)
10
4
10
5
10
6
-40
-20
0
20
-30
-10
10
30
20
0
0.4
0.8
1.2
1.6
0.2
0.6
1.0
1.4
Current (A)
0
-40
-60
-20
40
(Typ. Ta=25 °C, Thermal resistance of heatsink=3 °C/W)
One-stage
te-cooled type
Two-stage
te-cooled type
KIRDB0116EA
KIRDB0231EA
Terminal capacitance vs. reverse voltage
Shunt resistance vs. element temperature
1 nF
0.01
0.1
1
10
100
Reverse voltage (V)
100 pF
1 pF
10 pF
10 nF
(Typ. Ta=25
°C, f=1 MHz)
G8605-11/-21
G8605-12/-22
G8605-13/-23
G8605-15/-25
1 G
Ω
-40
-20
0
40
60
80
100 M
Ω
1 M
Ω
100 k
Ω
10 M
Ω
10 G
Ω
(Typ. VR=10 mV)
20
Element temperature (°C)
G8605-13/-23
G8605-15/-25
G8605-12/-22
G8605-11/-21
KIRDB0243EA
KIRDB0244EB
In applications requiring high-speed response, the
lead length should be as short as possible to minimize
the terminal capacitance.


Similar Part No. - G8605-21

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G8605-21 HAMAMATSU-G8605-21 Datasheet
247Kb / 4P
   InGaAs PIN photodiode
G8605-21 HAMAMATSU-G8605-21 Datasheet
105Kb / 4P
   InGaAs PIN photodiode
More results

Similar Description - G8605-21

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P9697 HAMAMATSU-P9697 Datasheet
86Kb / 2P
   MCT photovoltaic detector Photovoltaic detector with high-speed response and low noise
S2592 HAMAMATSU-S2592 Datasheet
132Kb / 4P
   Si photodiode Thermoelectrically cooled photodiode for low-light-level detection in UV to near IR
H10330B-25 HAMAMATSU-H10330B-25_15 Datasheet
419Kb / 4P
   THERMOELECTRIC COOLED NIR-PMT UNIT
logo
Rohm
CSL1002RT1 ROHM-CSL1002RT1 Datasheet
5Mb / 19P
   Near-Infrared(NIR) Surface Mount Chip LEDs featuring AlGaAs packed with transparent colorless resin.
2023.6 - Rev.001
logo
VIGO Photonics S.A.
PCI3TE12TO8-36-DTE VIGO-PCI3TE12TO8-36-DTE Datasheet
719Kb / 2P
   2 – 14 μm HgCdTe three-stage thermoelectrically cooled, optically immersed photoconductive detector
25/09/2020
logo
Sharp Corporation
IS456 SHARP-IS456 Datasheet
65Kb / 5P
   High Speed Response Type OPIC Light Detector
IS457 SHARP-IS457 Datasheet
47Kb / 4P
   High Speed Response Type OPIC Light Detector
logo
VIGO Photonics S.A.
PVI4TE6TO8-36-DTE VIGO-PVI4TE6TO8-36-DTE Datasheet
722Kb / 2P
   3.0 – 6.9 μm HgCdTe four-stage thermoelectrically cooled, optically immersed photovoltaic detector
25/09/2020
logo
Rohm
CSL0902RT1 ROHM-CSL0902RT1 Datasheet
5Mb / 19P
   Near-Infrared(NIR) Surface Mount Chip LEDs with lens featuring AlGaAs packed with transparent colorless resin.
2023.6 - Rev.001
logo
Broadcom Corporation.
AFBR-S20R1XX BOARDCOM-AFBR-S20R1XX Datasheet
351Kb / 2P
   Ultra-Compact NIR Spectrometer with Cooled High-Performance Image Sensor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com