Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3166165BTL-60 Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # HYB3166165BTL-60
Description  4M x 16-Bit Dynamic RAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3166165BTL-60 Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button HYB3166165BTL-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3166165BTL-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3166165BTL-60 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3166165BTL-60 Datasheet HTML 10Page - Siemens Semiconductor Group HYB3166165BTL-60 Datasheet HTML 11Page - Siemens Semiconductor Group HYB3166165BTL-60 Datasheet HTML 12Page - Siemens Semiconductor Group HYB3166165BTL-60 Datasheet HTML 13Page - Siemens Semiconductor Group HYB3166165BTL-60 Datasheet HTML 14Page - Siemens Semiconductor Group HYB3166165BTL-60 Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Semiconductor Group
11
HYB3164(5/6)165BT(L)-40/-50/-60
4M x 16 EDO-DRAM
Read command hold time
referenced to RAS
t
RRH
0–
0–
0
ns
11
CAS to output in low-Z
tCLZ
0–
0–
0
ns
8
Output buffer turn-off delay
tOFF
010013
015
ns
12
Output buffer turn-off delay from OE
t
OEZ
010013
015
ns
12
Data to CAS low delay
t
DZC
0–
0–
0
ns
13
Data to OE low delay
t
DZO
0–
0–
0
ns
13
CAS high to data delay
t
CDD
10
13
15
ns
14
OE high to data delay
t
ODD
10
13
15
ns
14
Write Cycle
Write command hold time
tWCH
5–
7–
10
ns
Write command pulse width
tWP
5–
7–
10
ns
Write command setup time
tWCS
0–
0–
0
ns
15
Write command to RAS lead time
tRWL
6–
8–
10
ns
Write command to CAS lead time
tCWL
6–
8–
10
ns
Data setup time
tDS
0–
0–
0
ns
16
Data hold time
tDH
5–
7–
10
ns
16
Read-modify-Write Cycle
Read-write cycle time
tRWC
89
109
133
ns
RAS to WE delay time
t
RWD
52
65
77
ns
15
CAS to WE delay time
t
CWD
22
28
32
ns
15
Column address to WE delay time
t
AWD
32
40
47
ns
15
OE command hold time
t
OEH
5–
7–
10
ns
Hyper Page Mode (EDO) Cycle
Hyper page mode (EDO) cycle time
t
HPC
16
20
24
ns
Access time from CAS precharge
t
CPA
–22–27
–32
ns
7
Output data hold time
tCOH
3–
5–
5
ns
AC Characteristics (cont’d) 5)6)
AC64-2E
T
A = 0 to 70 °C,VCC = 3.3 V ± 0.3V , tT = 2 ns
Parameter
Symbol
Limit Values
Unit
Note
-
40
- 50
- 60
min.
max.
min.
max.
min.
max.


Similar Part No. - HYB3166165BTL-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3166165AT-40 SIEMENS-HYB3166165AT-40 Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3166165AT-50 SIEMENS-HYB3166165AT-50 Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3166165AT-60 SIEMENS-HYB3166165AT-60 Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3166165ATL-50 SIEMENS-HYB3166165ATL-50 Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3166165ATL-60 SIEMENS-HYB3166165ATL-60 Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
More results

Similar Description - HYB3166165BTL-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164160T SIEMENS-HYB3164160T Datasheet
367Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165T SIEMENS-HYB3164165T Datasheet
391Kb / 30P
   4M x 16-Bit Dynamic RAM
HYB3164160AT SIEMENS-HYB3164160AT Datasheet
216Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165AT SIEMENS-HYB3164165AT Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB514100BJ-50- SIEMENS-HYB514100BJ-50- Datasheet
108Kb / 21P
   4M x 1-Bit Dynamic RAM
logo
List of Unclassifed Man...
GLT5640AL16 ETC-GLT5640AL16 Datasheet
2Mb / 72P
   4M X 16 CMOS Synchronous Dynamic RAM
logo
Siemens Semiconductor G...
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com