Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C10439 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # C10439
Description  Photodiode module Integrates a Si photodiode for precision photometry with low-noise amp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C10439 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  C10439 Datasheet HTML 1Page - Hamamatsu Corporation C10439 Datasheet HTML 2Page - Hamamatsu Corporation C10439 Datasheet HTML 3Page - Hamamatsu Corporation C10439 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2008 Hamamatsu Photonics K.K.
Photodiode module
C10439 series
Cat. No. KACC1139E02
Feb. 2008 DN
4
s
s
s
s
s Accessory
· Cable for power supply: length 1 m (no connector on one end)
s
s
s
s
s Connection examples
Connection with DC voltmeter, oscilloscope, etc.
Connection with signal processing unit for photodiode module
KACCC0365EA
KACCC0366EA
CONNECTION CABLE
FOR PHOTODIODE MODULE *
VOLTMETER, OSCILLOSCOPE, etc.
±5 to 12 V POWER SUPPLY
* Accessory of Photodiode module
+V
-V
GND
NC
PHOTODIODE
MODULE
C10439 SERIES
Secure with optical bench rod, etc.
BNC CABLE
SIGNAL PROCESSING UNIT FOR
PHOTODIODE MODULE C10475
RS-232C
CABLE
BNC CABLE
CONNECTION CABLE
FOR PD MODULE
AC 100 to 240 V
50/60 Hz
PHOTODIODE MODULE
C10439 SERIES
Secure with optical bench rod, etc.
AC ADAPTER
(not needed when C10475
operates on battery)
PC
(with supplied software installed)


Similar Part No. - C10439

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10439-01 HAMAMATSU-C10439-01 Datasheet
522Kb / 9P
   Photodiode modules
C10439-02 HAMAMATSU-C10439-02 Datasheet
522Kb / 9P
   Photodiode modules
C10439-03 HAMAMATSU-C10439-03 Datasheet
522Kb / 9P
   Photodiode modules
C10439-07 HAMAMATSU-C10439-07 Datasheet
522Kb / 9P
   Photodiode modules
C10439-08 HAMAMATSU-C10439-08 Datasheet
522Kb / 9P
   Photodiode modules
More results

Similar Description - C10439

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S1337 HAMAMATSU-S1337 Datasheet
136Kb / 4P
   Si photodiode For UV to IR, precision photometry
S2551 HAMAMATSU-S2551 Datasheet
84Kb / 2P
   Si photodiode For visible to infrared precision photometry
S1223 HAMAMATSU-S1223_06 Datasheet
77Kb / 2P
   Si PIN photodiode For visible to IR, precision photometry
S1336 HAMAMATSU-S1336 Datasheet
232Kb / 4P
   Si photodiode UV to near IR for precision photometry
S1226 HAMAMATSU-S1226 Datasheet
313Kb / 3P
   Si photodiode For UV to visible, precision photometry; suppressed IR sensitivity
S1227 HAMAMATSU-S1227 Datasheet
147Kb / 4P
   Si photodiode For UV to visible, precision photometry; suppressed IR sensitivity
S6337-01 HAMAMATSU-S6337-01 Datasheet
97Kb / 2P
   Large area photodiode for UV to IR, precision photometry
S2386 HAMAMATSU-S2386 Datasheet
118Kb / 4P
   Si photodiode For visible to IR, general-purpose photometry
S2387 HAMAMATSU-S2387 Datasheet
119Kb / 4P
   Si photodiode For visible to IR, general-purpose photometry
S1226-18BU HAMAMATSU-S1226-18BU Datasheet
93Kb / 2P
   Si photodiode For high power UV monitor, and UV to visible, precision photometry
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com