Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4777 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # C4777
Description  APD module APD module integrated with peripheral circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C4777 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  C4777 Datasheet HTML 1Page - Hamamatsu Corporation C4777 Datasheet HTML 2Page - Hamamatsu Corporation C4777 Datasheet HTML 3Page - Hamamatsu Corporation C4777 Datasheet HTML 4Page - Hamamatsu Corporation C4777 Datasheet HTML 5Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APD module
C4777 series
C4777-01
(Typ. Ta=25 ˚C)
FREQUENCY (Hz)
C4777
10
4
DC
1 k
10 k
100 k
1 M
10 M
100 M
1 G
10
5
10
6
10
7
10
8
10
9
10
10
s Spectral response
s Frequency response
s Response to stepped light
KAPDB0020EB
WAVELENGTH (nm)
(Typ. Ta=25 ˚C,
λ=800 nm)
200
400
600
800
1000
40
20
0
50
30
10
M=100
M=50
KACCB0048EA
Ta=25 °C, gain M=100, input pulse width=50 ns
X-axis: 10 ns/div., Y-axis: 50 mV/div.
Ta=25 °C, gain M=50, input pulse width=1 ms
X-axis: 250 µs/div., Y-axis: 500 mV/div.
KACCC0130EA
KACCC0131EA
s General ratings
Parameter
Min.
Typ.
Max.
Unit
+5 V
+4.4
+5
+5.6
+15 V
+14.4
+15
+15.6
Power supply
-15 V
-14.4
-15
-15.6
V
C4777 (+5 V)
-
+1.2
+1.5
C4777 (+15 V)
-
+0.2
+0.3
Current consumption
C4777 (-15 V)
-
-0.01
-0.02
A
C4777-01 (+5 V)
-
+0.5
+1.0
C4777-01 (+15 V)
-
+0.15
+0.30
Current consumption
C4777-01 (-15 V)
-
-0.01
-0.02
A
C4777
103 × 60 × 40
Dimensional outline
C4777-01
106.6 × 60 × 40
mm
Weight
350
g
C4777
C4777-01
3


Similar Part No. - C4777

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C4777 HAMAMATSU-C4777 Datasheet
172Kb / 4P
   APD module
logo
Powerbox
C4777 POWERBOX-C4777 Datasheet
528Kb / 2P
   2500 WATTS (AC) DC/D CSINGLE OUTPUT
logo
Hamamatsu Corporation
C4777-01 HAMAMATSU-C4777-01 Datasheet
172Kb / 4P
   APD module
More results

Similar Description - C4777

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C12703 HAMAMATSU-C12703_15 Datasheet
407Kb / 5P
   APD module integrated with peripheral circuits
C5658 HAMAMATSU-C5658 Datasheet
102Kb / 2P
   APD module
C5460 HAMAMATSU-C5460 Datasheet
156Kb / 4P
   APD module
C4777 HAMAMATSU-C4777 Datasheet
172Kb / 4P
   APD module
logo
Mitsubishi Electric Sem...
FU-318AP-VM6 MITSUBISHI-FU-318AP-VM6 Datasheet
100Kb / 3P
   APD MODULE FOR LONG WAVELENGTH BAND
FU-318SAP-X2MX MITSUBISHI-FU-318SAP-X2MX Datasheet
109Kb / 6P
   APD MODULE FOR LONG WAVELENGTH BAND
FU-318AP-M6 MITSUBISHI-FU-318AP-M6 Datasheet
40Kb / 3P
   InGaAs APD MODULE FOR LONG WAVELENGTH BAND
FU-319SPA-X6M2X MITSUBISHI-FU-319SPA-X6M2X Datasheet
99Kb / 6P
   APD-TIA MODULE FOR LONG WAVELENGTH BAND
logo
Ericsson
PGR20314 ERICSSON-PGR20314 Datasheet
343Kb / 4P
   APD Receiver Module for 2.5 Gb/s
logo
Hamamatsu Corporation
S4402 HAMAMATSU-S4402 Datasheet
82Kb / 2P
   Si APD ?1 mm quadrant APD
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com