Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB39S16160CT-7 Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # HYB39S16160CT-7
Description  1M x 16 MBit Synchronous DRAM for High Speed Graphics Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB39S16160CT-7 Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button HYB39S16160CT-7 Datasheet HTML 7Page - Siemens Semiconductor Group HYB39S16160CT-7 Datasheet HTML 8Page - Siemens Semiconductor Group HYB39S16160CT-7 Datasheet HTML 9Page - Siemens Semiconductor Group HYB39S16160CT-7 Datasheet HTML 10Page - Siemens Semiconductor Group HYB39S16160CT-7 Datasheet HTML 11Page - Siemens Semiconductor Group HYB39S16160CT-7 Datasheet HTML 12Page - Siemens Semiconductor Group HYB39S16160CT-7 Datasheet HTML 13Page - Siemens Semiconductor Group HYB39S16160CT-7 Datasheet HTML 14Page - Siemens Semiconductor Group HYB39S16160CT-7 Datasheet HTML 15Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Semiconductor Group
11
HYB39S16160CT-6/-7
16MBit Synchronous DRAM
Operating Currents (TA = 0 to 70
oC, VCC = 3.3V
± 0.3V
(Recommended Operating Conditions unless otherwise noted)
Notes:
1. The specified values are valid when addresses are changed no more than three times during trc(min.) and
when No Operation commands are registered on every rising clock edge during tRC(min).
2. The specified values are valid when data inputs (DQ’s) are stable during tRC(min.).
Parameter
Symbol
Test Condition
CAS
Latency
-6
-7
Note
max. max.
Operating Current
Icc1
Burst Length = 4
trc>=trc (min.)
tck>=tck(min.), Io = 0mA
2 bank interleave operation
150
130
mA
1, 2
Precharge
Standby Current
in Power Down
Mode
Icc2P
CKE<=VIL(max),
tck>=tck(min.)
22
mA
Icc2PS CKE<=VIL(max),
tCK=infinite
11
mA
Precharge
Standby Current
in Non-power
down Mode
Icc2N
CKE>=VIH(min),
tck>=tck(min.) input signals
changed once in 3 cycles
15
15
mA
CS=
High
Icc2NS CKE>=VIH(min),
tCK=infinite, input signals
are stable
55
mA
Active Standby
Current in Power
Down Mode
Icc3P
CKE<=VIL(max),
tck>=tck(min.)
33
mA
Icc3PS CKE<=VIL(max),
tCK=infinite, inpit signals
are stable
22
mA
Active Standby
Current in Non-
power Down
Mode
Icc3N
CKE>=VIH(min),
tck>=tck(min.),
changed once in 3 cycles
25
25
mA
CS=
High,
1
Icc3NS CKE>=VIH(min),
tCK=infinite, input signals
are stable
15
15
mA
Burst Operating
Current
Icc4
Burst Length = full page
trc = infinite
tck >= tck (min.), IO = 0 mA
2 banks activated
100
85
mA
1, 2
Auto (CBR)
Refresh Current
Icc5
trc>=trc(min)
60
50
mA
mA
1, 2
Self Refresh
Icc6
CKE=<0,2V
11
mA
1, 2


Similar Part No. - HYB39S16160CT-7

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB39S16160CT-10 SIEMENS-HYB39S16160CT-10 Datasheet
101Kb / 19P
   16 MBit Synchronous DRAM
HYB39S16160CT-8 SIEMENS-HYB39S16160CT-8 Datasheet
101Kb / 19P
   16 MBit Synchronous DRAM
More results

Similar Description - HYB39S16160CT-7

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C1M16S ALSC-AS4C1M16S Datasheet
2Mb / 53P
   1M x 16 bit Synchronous DRAM
logo
Etron Technology, Inc.
EM636327 ETRON-EM636327 Datasheet
1Mb / 78P
   512K x 32 High Speed Synchronous Graphics DRAM(SGRAM)
logo
Alliance Semiconductor ...
AS4C1M16S-7TCN ALSC-AS4C1M16S-7TCN Datasheet
1Mb / 54P
   1M x 16 bit Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM636165TS ETRON-EM636165TS Datasheet
489Kb / 52P
   1M x 16 bit Synchronous DRAM (SDRAM)
logo
Generalplus Technology ...
GPR323616A GENERALPLUS-GPR323616A Datasheet
1Mb / 56P
   1M x 16 bit Synchronous DRAM (SDRAM)
logo
Siemens Semiconductor G...
HYB39S16400-1 SIEMENS-HYB39S16400-1 Datasheet
101Kb / 19P
   16 MBit Synchronous DRAM
HYB39S164400 SIEMENS-HYB39S164400 Datasheet
929Kb / 64P
   16 MBit Synchronous DRAM
HYB39S16400 SIEMENS-HYB39S16400 Datasheet
147Kb / 22P
   16 MBit Synchronous DRAM
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com