Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1746P-70IND+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS1746P-70IND+
Description  Y2K-Compliant, Nonvolatile Timekeeping RAMs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1746P-70IND+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS1746P-70IND+ Datasheet HTML 3Page - Maxim Integrated Products DS1746P-70IND+ Datasheet HTML 4Page - Maxim Integrated Products DS1746P-70IND+ Datasheet HTML 5Page - Maxim Integrated Products DS1746P-70IND+ Datasheet HTML 6Page - Maxim Integrated Products DS1746P-70IND+ Datasheet HTML 7Page - Maxim Integrated Products DS1746P-70IND+ Datasheet HTML 8Page - Maxim Integrated Products DS1746P-70IND+ Datasheet HTML 9Page - Maxim Integrated Products DS1746P-70IND+ Datasheet HTML 10Page - Maxim Integrated Products DS1746P-70IND+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DS1746/DS1746P Y2K-Compliant, Nonvolatile Timekeeping RAMs
7 of 16
DATA-RETENTION MODE
The 5V device is fully accessible and data can be written or read only when VCC is greater than VPF.
However, when VCC is below the power-fail point, VPF, (point at which write protection occurs) the
internal clock registers and SRAM are blocked from any access. At this time the power fail reset output
signal (RST) is driven active and will remain active until VCC returns to nominal levels. When VCC falls
below the battery switch point VSO (battery supply level), device power is switched from the VCC pin to
the backup battery. RTC operation and SRAM data are maintained from the battery until VCC is returned
to nominal levels. The 3.3V device is fully accessible and data can be written or read only when VCC is
greater than VPF. When VCC falls below the power fail point, VPF, access to the device is inhibited. At this
time the power fail reset output signal (RST) is driven active and will remain active until VCC returns to
nominal levels. If VPF is less than VSO, the device power is switched from VCC to the backup supply
(VBAT) when VCC drops below VPF. If VPF is greater than VSO, the device power is switched from VCC to
the backup supply (VBAT) when VCC drops below VSO. RTC operation and SRAM data are maintained
from the battery until VCC is returned to nominal levels. The RST signal is an open drain output and
requires a pull up. Except for the RST, all control, data, and address signals must be powered down when
VCC is powered down.
BATTERY LONGEVITY
The DS1746 has a lithium power source that is designed to provide energy for clock activity, and clock
and RAM data retention when the VCC supply is not present. The capability of this internal power supply
is sufficient to power the DS1746 continuously for the life of the equipment in which it is installed. For
specification purposes, the life expectancy is 10 years at 25°C with the internal clock oscillator running in
the absence of VCC power. Each DS1746 is shipped from Maxim with its lithium energy source
disconnected, guaranteeing full energy capacity. When VCC is first applied at a level greater than VPF, the
lithium energy source is enabled for battery backup operation. Actual life expectancy of the DS1746 will
be much longer than 10 years since no lithium battery energy is consumed when VCC is present.
BATTERY MONITOR
The DS1746 constantly monitors the battery voltage of the internal battery. The Battery Flag bit (bit 7) of
the day register is used to indicate the voltage level range of the battery. This bit is not writable and
should always be a one when read. If a zero is ever present, an exhausted lithium energy source is
indicated and both the contents of the RTC and RAM are questionable.


Similar Part No. - DS1746P-70IND+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1746P-70IND++ MAXIM-DS1746P-70IND+ Datasheet
146Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 9/10
More results

Similar Description - DS1746P-70IND+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1744_1203 MAXIM-DS1744_1203 Datasheet
583Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
logo
Dallas Semiconductor
DS1747 DALLAS-DS1747 Datasheet
340Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
ARTSCHIP ELECTRONICS CO...
DS1744 ARTSCHIP-DS1744 Datasheet
413Kb / 19P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1747 MAXIM-DS1747_12 Datasheet
606Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1743 MAXIM-DS1743_V01 Datasheet
441Kb / 17P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
196719 ; Rev 9 / 13
logo
Dallas Semiconductor
DS1746 DALLAS-DS1746 Datasheet
453Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
DS1744 DALLAS-DS1744 Datasheet
348Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1747 MAXIM-DS1747_10 Datasheet
213Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5504; Rev 9/10
DS1744 MAXIM-DS1744_10 Datasheet
190Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5502; Rev 9/10
DS1746 MAXIM-DS1746_10 Datasheet
146Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 9/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com