Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS28E02Q+R Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS28E02Q+R
Description  1-Wire SHA-1 Authenticated 1Kb EEPROM with 1.8V Operation
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS28E02Q+R Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS28E02Q+R Datasheet HTML 1Page - Maxim Integrated Products DS28E02Q+R Datasheet HTML 2Page - Maxim Integrated Products DS28E02Q+R Datasheet HTML 3Page - Maxim Integrated Products DS28E02Q+R Datasheet HTML 4Page - Maxim Integrated Products DS28E02Q+R Datasheet HTML 5Page - Maxim Integrated Products DS28E02Q+R Datasheet HTML 6Page - Maxim Integrated Products DS28E02Q+R Datasheet HTML 7Page - Maxim Integrated Products DS28E02Q+R Datasheet HTML 8Page - Maxim Integrated Products DS28E02Q+R Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DS28E02
1-Wire FUNCTION
CONTROL
1-Wire NET
PARASITE POWER
CRC16
GENERATOR
64-BIT
ROM
64-BIT
SCRATCHPAD
512-BIT
SECURE HASH
ALGORITHM ENGINE
REGISTER
PAGE
DATA MEMORY
4 PAGES OF
256 BITS EACH
MEMORY AND
SHA-1 FUNCTION
CONTROL UNIT
Figure 1. Block Diagram
or consumable authentication and calibration, and
printer cartridge configuration and monitoring.
Overview
The block diagram in Figure 1 shows the relationships
between the major control and memory sections of the
DS28E02. The DS28E02 has six main data compo-
nents: 64-bit ROM, 64-bit scratchpad, four 256-bit
pages of EEPROM, register page, and a 512-bit SHA-1
engine. Figure 2 shows the hierarchic structure of the
1-Wire protocol. The bus master must first provide one
of the seven ROM function commands: Read ROM,
Match ROM, Search ROM, Skip ROM, Resume
Communication, Overdrive-Skip ROM, or Overdrive-
Match ROM. Upon completion of an Overdrive-Skip
ROM or Overdrive-Match ROM command executed at
standard speed, the device enters overdrive mode
where all subsequent communication occurs at a higher
speed. The protocol required for these ROM function
commands is described in Figure 10. After a ROM
function command is successfully executed, the mem-
ory and SHA-1 functions become accessible and the
master can provide any one of the 9 available function
commands. The function protocols are described in
Figure 8. All data is read and written least signifi-
cant bit first.
64-Bit ROM
Each DS28E02 contains a unique ROM registration num-
ber that is 64 bits long. The first 8 bits are a 1-Wire family
code. The next 48 bits are a unique serial number. The
last 8 bits are a cyclic redundancy check (CRC) of the
first 56 bits. See Figure 3 for details. The 1-Wire CRC is
generated using a polynomial generator consisting of a
shift register and XOR gates as shown in Figure 4. The
polynomial is X8 + X5 + X4 + 1. Additional information
about the 1-Wire CRC is available in Application Note
1-Wire SHA-1 Authenticated 1Kb
EEPROM with 1.8V Operation
_______________________________________________________________________________________
5
ABRIDGED DATA SHEET


Similar Part No. - DS28E02Q+R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E02Q+TR MAXIM-DS28E02Q+TR Datasheet
189Kb / 21P
   1-Wire SHA-1 Authenticated 1Kb EEPROM with 1.8V Operation
219-0008; Rev 1; 3/12
More results

Similar Description - DS28E02Q+R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E02 MAXIM-DS28E02 Datasheet
189Kb / 21P
   1-Wire SHA-1 Authenticated 1Kb EEPROM with 1.8V Operation
219-0008; Rev 1; 3/12
DS2432 MAXIM-DS2432 Datasheet
165Kb / 17P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
060608
DS2432 MAXIM-DS2432_12 Datasheet
432Kb / 17P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 3/12
DS28E01G-100U MAXIM-DS28E01G-100U Datasheet
293Kb / 21P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
DS28E01-100 MAXIM-DS28E01-100_12 Datasheet
293Kb / 21P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
DS28E01-100 MAXIM-DS28E01-100 Datasheet
164Kb / 20P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 7; 3/12
logo
Dallas Semiconductor
DS1961S DALLAS-DS1961S Datasheet
360Kb / 36P
   1kb Protected EEPROM iButton With SHA-1 Engine
logo
Maxim Integrated Produc...
DS28CN01_0911 MAXIM-DS28CN01_0911 Datasheet
139Kb / 10P
   1Kb I2C/SMBus EEPROM with SHA-1 Engine
Rev 2; 11/09
DS1961S MAXIM-DS1961S Datasheet
364Kb / 36P
   1kb Protected EEPROM iButton With SHA-1 Engine
092302
DS28CN01 MAXIM-DS28CN01_09 Datasheet
116Kb / 10P
   1Kb I2C/SMBus EEPROM with SHA-1 Engine
Rev 1; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com