Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1088C Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS1088C
Description  Fixed-Frequency EconoOscillator™
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1088C Datasheet(HTML) 6 Page - Maxim Integrated Products

  DS1088C Datasheet HTML 1Page - Maxim Integrated Products DS1088C Datasheet HTML 2Page - Maxim Integrated Products DS1088C Datasheet HTML 3Page - Maxim Integrated Products DS1088C Datasheet HTML 4Page - Maxim Integrated Products DS1088C Datasheet HTML 5Page - Maxim Integrated Products DS1088C Datasheet HTML 6Page - Maxim Integrated Products DS1088C Datasheet HTML 7Page - Maxim Integrated Products DS1088C Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
����������������������������������������������������������������� Maxim Integrated Products 6
DS1088C
Fixed-Frequency EconoOscillator™
Detailed Description
The DS1088C is a low-cost clock generator that pro-
duces a square-wave output without external timing com-
ponents. The fixed-frequency oscillator is available in a
factory-calibrated frequency of 133MHz. The DS1088C
has a power-down pin for power-sensitive applications.
A block diagram of the DS1088C is shown in Figure 1.
Output Frequency
The internal oscillator frequency is divided by the factory-
programmed prescaler to produce an output frequency
of 133MHz.
Power-Down Mode
The PDN pin disables the internal oscillator and the
oscillator output for power-sensitive applications. The
power-down pin must remain low for at least two output
frequency cycles plus 10µs for deglitching purposes. On
power-up, the output is disabled until power is stable
and the voltage-controlled oscillator has generated 512
clock cycles.
Applications Information
Power-Supply Decoupling
To achieve the best results when using the DS1088C,
the power supply must be decoupled with 0.01µF and
0.1µF high-quality, ceramic, surface-mount capacitors.
Surface-mount components minimize lead inductance,
which improves performance, and tend to have ade-
quate high-frequency response for decoupling applica-
tions. These capacitors should be placed as close as
possible to the VCC and GND pins.
Chip Information
SUBSTRATE CONNECTED TO GROUND
Figure 1. Block Diagram
VCC
PDN
OUT
133MHz
EEPROM
CONTROL
VOLTAGE-
CONTROLLED
OSCILLATOR
80MHz TO 160MHz
PRESCALER
÷ BY 1, 2, 4...256
GND
VCC
DS1088C


Similar Part No. - DS1088C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1088C MAXIM-DS1088C Datasheet
478Kb / 8P
   Fixed-Frequency EconOscillator?
19-6186; Rev 1; 4/15
DS1088CN-133+T MAXIM-DS1088CN-133+T Datasheet
478Kb / 8P
   Fixed-Frequency EconOscillator?
19-6186; Rev 1; 4/15
DS1088CX-133+T MAXIM-DS1088CX-133+T Datasheet
478Kb / 8P
   Fixed-Frequency EconOscillator?
19-6186; Rev 1; 4/15
DS1088C MAXIM-DS1088C_V01 Datasheet
478Kb / 8P
   Fixed-Frequency EconOscillator?
19-6186; Rev 1; 4/15
More results

Similar Description - DS1088C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1088L MAXIM-DS1088L_12 Datasheet
1Mb / 8P
   Fixed-Frequency EconOscillator™
Rev 2; 1/12
logo
Z-Communications, Inc
SFS6900A-LF ZCOMM-SFS6900A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS0832C-LF ZCOMM-SFS0832C-LF Datasheet
76Kb / 2P
   Fixed Frequency Synthesizer
SFS1262A-LF ZCOMM-SFS1262A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS0792C-LF ZCOMM-SFS0792C-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
logo
SYNERGY MICROWAVE CORPO...
FCPL840-10 SYNERGY-FCPL840-10 Datasheet
342Kb / 2P
   FIXED FREQUENCY SYNTHESIZER
logo
Z-Communications, Inc
SFS1200C-LF ZCOMM-SFS1200C-LF Datasheet
76Kb / 2P
   Fixed Frequency Synthesizer
SFS2476A-LF ZCOMM-SFS2476A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS5280A-LF ZCOMM-SFS5280A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS6400A-LF ZCOMM-SFS6400A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com