Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1086U+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS1086U+
Description  Spread-Spectrum EconOscillator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1086U+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS1086U+ Datasheet HTML 1Page - Maxim Integrated Products DS1086U+ Datasheet HTML 2Page - Maxim Integrated Products DS1086U+ Datasheet HTML 3Page - Maxim Integrated Products DS1086U+ Datasheet HTML 4Page - Maxim Integrated Products DS1086U+ Datasheet HTML 5Page - Maxim Integrated Products DS1086U+ Datasheet HTML 6Page - Maxim Integrated Products DS1086U+ Datasheet HTML 7Page - Maxim Integrated Products DS1086U+ Datasheet HTML 8Page - Maxim Integrated Products DS1086U+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Spread-Spectrum EconOscillator
4
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS
(VCC = 5V ±5%, TA = 0°C to +70°C.)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Frequency Stable After Prescaler
Change
1
Period
Frequency Stable After DAC or
Offset Change
(Note 9)
0.2
1
ms
Power-Up Time
tpor + tstab (Note 10)
0.1
0.5
ms
Enable of OUT After Exiting
Power-Down Mode
tstab
500
µs
OUT High-Z After Entering
Power-Down Mode
tpdn
0.1
ms
Load Capacitance
CL
(Note 11)
15
50
pF
Output Duty Cycle (OUT)
40
60
%
PDN Rise/Fall Time
1µs
AC ELECTRICAL CHARACTERISTICS: 2-WIRE INTERFACE
(VCC = 5V ±5%, TA = 0°C to +70°C.)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Fast mode
400
SCL Clock Frequency
fSCL
Standard mode
(Note 12)
100
kHz
Fast mode
1.3
Bus Free Time Between a STOP
and START Condition
tBUF
Standard mode
(Note 12)
4.7
µs
Fast mode
0.6
Hold Time (Repeated) START
Condition
tHD:STA
Standard mode
(Notes 12, 13)
4.0
µs
Fast mode
1.3
LOW Period of SCL
tLOW
Standard mode
(Note 12)
4.7
µs
Fast mode
0.6
HIGH Period of SCL
tHIGH
Standard mode
(Note 12)
4.0
µs
Fast mode
0.6
Setup Time for a Repeated
START
tSU:STA
Standard mode
(Note 12)
4.7
µs
Fast mode
Data Hold Time
tHD:DAT
Standard mode
(Notes 12, 14, 15)
0
0.9
µs
Fast mode
100
Data Setup Time
tSU:DAT
Standard mode
(Note 12)
250
ns
Fast mode
20 + 0.1CB
300
Rise Time of Both SDA and SCL
Signals
tR
Standard mode
(Note 16)
20 + 0.1CB
1000
ns
Fast mode
20 + 0.1CB
300
Fall Time of Both SDA and SCL
Signals
tF
Standard mode
(Note 16)
20 + 0.1CB
1000
ns


Similar Part No. - DS1086U+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1086U DALLAS-DS1086U Datasheet
229Kb / 14P
   DS1086 Spread-Spectrum EconOscillator
More results

Similar Description - DS1086U+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1094L MAXIM-DS1094L Datasheet
496Kb / 12P
   Multiphase Spread-Spectrum EconOscillator
19-7628; Rev 2; 5/15
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
   3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
logo
Dallas Semiconductor
DS1086 DALLAS-DS1086 Datasheet
229Kb / 14P
   DS1086 Spread-Spectrum EconOscillator
DS1087L DALLAS-DS1087L Datasheet
154Kb / 12P
   3.3V Spread-Spectrum EconOscillator
logo
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L_07 Datasheet
225Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 9/07
logo
Dallas Semiconductor
DS1094L DALLAS-DS1094L Datasheet
590Kb / 11P
   Multiphase Spread-Spectrum EconOscillator
logo
Maxim Integrated Produc...
DS1087L MAXIM-DS1087L Datasheet
160Kb / 12P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 11/03
DS1090 MAXIM-DS1090_V01 Datasheet
479Kb / 9P
   Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
DS1090 MAXIM-DS1090_07 Datasheet
202Kb / 8P
   Low-Frequency, Spread-Spectrum EconOscillator
Rev 1; 2/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com