Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS28E02P+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS28E02P+
Description  1-Wire SHA-1 Authenticated 1Kb EEPROM with 1.8V Operation
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS28E02P+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS28E02P+ Datasheet HTML 1Page - Maxim Integrated Products DS28E02P+ Datasheet HTML 2Page - Maxim Integrated Products DS28E02P+ Datasheet HTML 3Page - Maxim Integrated Products DS28E02P+ Datasheet HTML 4Page - Maxim Integrated Products DS28E02P+ Datasheet HTML 5Page - Maxim Integrated Products DS28E02P+ Datasheet HTML 6Page - Maxim Integrated Products DS28E02P+ Datasheet HTML 7Page - Maxim Integrated Products DS28E02P+ Datasheet HTML 8Page - Maxim Integrated Products DS28E02P+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
General Description
The DS28E02 combines 1024 bits of EEPROM with
challenge-and-response authentication security imple-
mented with the FIPS 180-3 Secure Hash Algorithm
(SHA-1). The 1024-bit EEPROM array is configured as
four pages of 256 bits with a 64-bit scratchpad to per-
form write operations. All memory pages can be write
protected, and one page can be put in EPROM-emula-
tion mode, where bits can only be changed from a 1 to
a 0 state. Each DS28E02 has its own guaranteed
unique 64-bit ROM registration number that is factory
installed into the chip. The DS28E02 communicates
over the single-contact 1-Wire® bus. The communica-
tion follows the standard 1-Wire protocol with the regis-
tration number acting as the node address in the case
of a multidevice 1-Wire network.
Applications
Reference Design License Management
System Intellectual Property Protection
Sensor/Accessory Authentication and Calibration
Medical Consumable Authentication
Printer Cartridge Configuration and Monitoring
Features
o 1024 Bits of EEPROM Memory Partitioned Into
Four Pages of 256 Bits
o On-Chip 512-Bit SHA-1 Engine to Compute 160-
Bit Message Authentication Codes (MACs) and to
Generate Secrets
o Write Access Requires Knowledge of the Secret
and the Capability of Computing and Transmitting
a 160-Bit MAC as Authorization
o User-Programmable Page Write Protection for
Page 0, Page 3, or All Four Pages Together
o User-Programmable OTP EPROM Emulation Mode
for Page 1 (“Write to 0”)
o Communicates to Host with a Single Digital
Signal at 12.5kbps or 35.7kbps Using 1-Wire
Protocol
o Switchpoint Hysteresis and Filtering to Optimize
Communication Performance in the Presence of
Noise
o Reads and Writes Over 1.75V to 3.65V Voltage
Range from -20°C to +85°C
o 6-Lead TSOC and TDFN Packages
1-Wire SHA-1 Authenticated 1Kb
EEPROM with 1.8V Operation
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
219-0008; Rev 1; 3/12
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
ABRIDGED DATA SHEET
PART
TEMP RANGE
PIN-PACKAGE
DS28E02P+
-20
°C to +85°C
6 TSOC
DS28E02P+T&R
-20
°C to +85°C
6 TSOC
DS28E02Q+T&R
-20
°C to +85°C
6 TDFN-EP*
(2.5k pcs)
+
Denotes a lead(Pb)-free/RoHS-compliant package.
T&R = Tape and reel.
*
EP = Exposed pad.
IO
RPUP
VCC
µC
GND
DS28E02
Typical Operating Circuit
1-Wire is a registered trademark of Maxim Integrated Products, Inc.


Similar Part No. - DS28E02P+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E02P++ MAXIM-DS28E02P+ Datasheet
189Kb / 21P
   1-Wire SHA-1 Authenticated 1Kb EEPROM with 1.8V Operation
219-0008; Rev 1; 3/12
DS28E02P+TR MAXIM-DS28E02P+TR Datasheet
189Kb / 21P
   1-Wire SHA-1 Authenticated 1Kb EEPROM with 1.8V Operation
219-0008; Rev 1; 3/12
More results

Similar Description - DS28E02P+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E02 MAXIM-DS28E02 Datasheet
189Kb / 21P
   1-Wire SHA-1 Authenticated 1Kb EEPROM with 1.8V Operation
219-0008; Rev 1; 3/12
DS2432 MAXIM-DS2432 Datasheet
165Kb / 17P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
060608
DS2432 MAXIM-DS2432_12 Datasheet
432Kb / 17P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 3/12
DS28E01G-100U MAXIM-DS28E01G-100U Datasheet
293Kb / 21P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
DS28E01-100 MAXIM-DS28E01-100_12 Datasheet
293Kb / 21P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
DS28E01-100 MAXIM-DS28E01-100 Datasheet
164Kb / 20P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 7; 3/12
logo
Dallas Semiconductor
DS1961S DALLAS-DS1961S Datasheet
360Kb / 36P
   1kb Protected EEPROM iButton With SHA-1 Engine
logo
Maxim Integrated Produc...
DS28CN01_0911 MAXIM-DS28CN01_0911 Datasheet
139Kb / 10P
   1Kb I2C/SMBus EEPROM with SHA-1 Engine
Rev 2; 11/09
DS1961S MAXIM-DS1961S Datasheet
364Kb / 36P
   1kb Protected EEPROM iButton With SHA-1 Engine
092302
DS28CN01 MAXIM-DS28CN01_09 Datasheet
116Kb / 10P
   1Kb I2C/SMBus EEPROM with SHA-1 Engine
Rev 1; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com