Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS4012FT4R7 Datasheet(PDF) 2 Page - Superworld Electronics

Part # SPS4012FT4R7
Description  Low Profile Power Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPS4012FT4R7 Datasheet(HTML) 2 Page - Superworld Electronics

  SPS4012FT4R7 Datasheet HTML 1Page - Superworld Electronics SPS4012FT4R7 Datasheet HTML 2Page - Superworld Electronics SPS4012FT4R7 Datasheet HTML 3Page - Superworld Electronics SPS4012FT4R7 Datasheet HTML 4Page - Superworld Electronics SPS4012FT4R7 Datasheet HTML 5Page - Superworld Electronics SPS4012FT4R7 Datasheet HTML 6Page - Superworld Electronics SPS4012FT4R7 Datasheet HTML 7Page - Superworld Electronics SPS4012FT4R7 Datasheet HTML 8Page - Superworld Electronics SPS4012FT4R7 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
4. GENERAL SPECIFICATION :
c) Rated DC Current: The less value which is IDC1 or IDC2.
b) IDC2 : Based on temperature rise ( T: 40°C TYP.)
a) IDC1 :Based on inductance change ( L/Lo: -30%) @ ambient temp. 25°C
f) Resistance to solder heat : 260°C 10secs
e) Operating temp. : -40°C to +105°C ( include self temp. rise )
d) Storage temp. : -40°C to +105°C
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
5. ELECTRICAL CHARACTERISTICS :
Part No.
SPS4012FT1R0
Inductance
1.0
( uH )
0.1V/1M
( Hz )
Frequency
Test
RDC (
)±20%
Resistance
60m
Rated DC Current
IDC1 (A) IDC2 ( A )
2.50
1.50
20.03.2012
Low Profile Power Inductors
NOTE : Specifications subject to change without notice. Please check our website for latest information.
Marking
A
SPS4012FT1R5
1.5
0.1V/1M
75m
2.00
1.40
C
SPS4012FT2R2
2.2
0.1V/1M
90m
1.65
1.20
E
SPS4012FT3R3
3.3
0.1V/1M
0.13
1.20
0.98
G
SPS4012FT4R7
4.7
0.1V/1M
0.14
1.05
0.96
I
SPS4012FT6R8
6.8
0.1V/1M
0.18
0.90
0.84
K
SPS4012FT100
10
0.1V/1M
0.24
0.74
0.77
M
SPS4012FT150
15
0.1V/1M
0.40
0.56
0.60
O
SPS4012FT220
22
0.1V/1M
0.61
0.51
0.54
Q
SPS4012FT330
33
0.1V/1M
0.81
0.40
0.42
S
Tolerance : M = ±20%, N = ±30%
SPS4012FT SERIES
Tolerance
N
N
M,N
M
M
M
M
M
M
M


Similar Part No. - SPS4012FT4R7

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPS4010FT SUPERWORLD-SPS4010FT Datasheet
647Kb / 9P
   Low Profile Power Inductors
SPS4010FT100M SUPERWORLD-SPS4010FT100M Datasheet
647Kb / 9P
   Low Profile Power Inductors
SPS4010FT150M SUPERWORLD-SPS4010FT150M Datasheet
647Kb / 9P
   Low Profile Power Inductors
SPS4010FT1R0N SUPERWORLD-SPS4010FT1R0N Datasheet
647Kb / 9P
   Low Profile Power Inductors
SPS4010FT220M SUPERWORLD-SPS4010FT220M Datasheet
647Kb / 9P
   Low Profile Power Inductors
More results

Similar Description - SPS4012FT4R7

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPA252010HFR16M SUPERWORLD-SPA252010HFR16M Datasheet
307Kb / 8P
   Low Profile Power Inductors
SPS6045N1R0YF SUPERWORLD-SPS6045N1R0YF Datasheet
1Mb / 7P
   LOW PROFILE POWER INDUCTORS
L252010SFR24MA SUPERWORLD-L252010SFR24MA Datasheet
518Kb / 5P
   Low Profile Power Inductors
logo
ice Components, Ins.
LP01 ICE-LP01 Datasheet
257Kb / 1P
   Low Profile Power Inductors
logo
Superworld Electronics
SPS3012FT SUPERWORLD-SPS3012FT Datasheet
254Kb / 5P
   Low Profile Power Inductors
SPS3020FT SUPERWORLD-SPS3020FT Datasheet
248Kb / 5P
   Low Profile Power Inductors
logo
Cooper Bussmann, Inc.
DR1040-1R5-R COOPER-DR1040-1R5-R Datasheet
175Kb / 3P
   Low Profile Power Inductors
logo
Superworld Electronics
SPS5012FTR47N SUPERWORLD-SPS5012FTR47N Datasheet
303Kb / 8P
   Low Profile Power Inductors
SPC4018FT-R56NZF SUPERWORLD-SPC4018FT-R56NZF Datasheet
848Kb / 7P
   Low Profile Power Inductors
SPS8040N1R0YF SUPERWORLD-SPS8040N1R0YF Datasheet
1Mb / 7P
   LOW PROFILE POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com