Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS3020FT2R2M Datasheet(PDF) 2 Page - Superworld Electronics

Part # SPS3020FT2R2M
Description  Low Profile Power Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPS3020FT2R2M Datasheet(HTML) 2 Page - Superworld Electronics

  SPS3020FT2R2M Datasheet HTML 1Page - Superworld Electronics SPS3020FT2R2M Datasheet HTML 2Page - Superworld Electronics SPS3020FT2R2M Datasheet HTML 3Page - Superworld Electronics SPS3020FT2R2M Datasheet HTML 4Page - Superworld Electronics SPS3020FT2R2M Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
4. GENERAL SPECIFICATION :
c) Rated DC Current: The less value which is IDC1 or IDC2.
b) IDC2 : Based on temperature rise ( T: 40°C TYP.)
a) IDC1 :Based on inductance change ( L/Lo: -30%) @ ambient temp. 25°C
f) Resistance to solder heat : 260°C 10secs
e) Operating temp. : -40°C to +105°C ( include self temp. rise )
d) Storage temp. : -40°C to +105°C
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
5. ELECTRICAL CHARACTERISTICS :
Part No.
SPS3020FT1R2N
Inductance
1.2±30%
( uH )
0.1V/1M
( Hz )
Frequency
Test
RDC (
)±20%
Resistance
34m
Rated DC Current
IDC1(A)
IDC2(A)
2.40
2.20
20.03.2012
Low Profile Power Inductors
NOTE : Specifications subject to change without notice. Please check our website for latest information.
Marking
B
SPS3020FT1R5N
1.5±30%
0.1V/1M
39m
2.10
2.10
C
SPS3020FT2R2M
2.2±20%
0.1V/1M
48m
1.60
1.90
E
SPS3020FT3R3M
3.3±20%
0.1V/1M
70m
1.40
1.65
G
SPS3020FT4R7M
4.7±20%
0.1V/1M
96m
1.20
1.40
I
SPS3020FT6R8M
6.8±20%
0.1V/1M
0.14
1.00
1.20
K
SPS3020FT100M
10±20%
0.1V/1M
0.20
0.80
0.88
M
SPS3020FT220M
22±20%
0.1V/1M
0.42
0.53
0.67
Q
SPS3020FT330M
33±20%
0.1V/1M
0.59
0.44
0.52
S
SPS3020FT SERIES


Similar Part No. - SPS3020FT2R2M

ManufacturerPart #DatasheetDescription
logo
Sensirion AG Switzerlan...
SPS30 SENSIRION-SPS30 Datasheet
1Mb / 26P
   Particulate Matter Sensor for Air Quality Monitoring and Control
logo
Superworld Electronics
SPS3010T100MF SUPERWORLD-SPS3010T100MF Datasheet
1Mb / 7P
   Low Profile Power Inductors
SPS3010T150MF SUPERWORLD-SPS3010T150MF Datasheet
1Mb / 7P
   Low Profile Power Inductors
SPS3010T1R0YF SUPERWORLD-SPS3010T1R0YF Datasheet
1Mb / 7P
   Low Profile Power Inductors
SPS3010T1R5YF SUPERWORLD-SPS3010T1R5YF Datasheet
1Mb / 7P
   Low Profile Power Inductors
More results

Similar Description - SPS3020FT2R2M

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPA252010HFR16M SUPERWORLD-SPA252010HFR16M Datasheet
307Kb / 8P
   Low Profile Power Inductors
SPS6045N1R0YF SUPERWORLD-SPS6045N1R0YF Datasheet
1Mb / 7P
   LOW PROFILE POWER INDUCTORS
L252010SFR24MA SUPERWORLD-L252010SFR24MA Datasheet
518Kb / 5P
   Low Profile Power Inductors
logo
ice Components, Ins.
LP01 ICE-LP01 Datasheet
257Kb / 1P
   Low Profile Power Inductors
logo
Superworld Electronics
SPS4012FT SUPERWORLD-SPS4012FT Datasheet
694Kb / 9P
   Low Profile Power Inductors
SPS3012FT SUPERWORLD-SPS3012FT Datasheet
254Kb / 5P
   Low Profile Power Inductors
logo
Cooper Bussmann, Inc.
DR1040-1R5-R COOPER-DR1040-1R5-R Datasheet
175Kb / 3P
   Low Profile Power Inductors
logo
Superworld Electronics
SPS5012FTR47N SUPERWORLD-SPS5012FTR47N Datasheet
303Kb / 8P
   Low Profile Power Inductors
SPC4018FT-R56NZF SUPERWORLD-SPC4018FT-R56NZF Datasheet
848Kb / 7P
   Low Profile Power Inductors
SPS8040N1R0YF SUPERWORLD-SPS8040N1R0YF Datasheet
1Mb / 7P
   LOW PROFILE POWER INDUCTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com