Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3164805BJ-40 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # HYB3164805BJ-40
Description  8M x 8-Bit Dynamic RAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3164805BJ-40 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button HYB3164805BJ-40 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3164805BJ-40 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3164805BJ-40 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3164805BJ-40 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3164805BJ-40 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3164805BJ-40 Datasheet HTML 10Page - Siemens Semiconductor Group HYB3164805BJ-40 Datasheet HTML 11Page - Siemens Semiconductor Group HYB3164805BJ-40 Datasheet HTML 12Page - Siemens Semiconductor Group HYB3164805BJ-40 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Semiconductor Group
9
HYB3164(5)805BJ/BT(L)-40/-50/-60
8M x 8-DRAM
AC Characteristics 5)6)
AC64-2E
T
A = 0 to 70 °C,VCC = 3.3 V ± 0.3V , tT = 2 ns
Parameter
Symbol
Limit Values
Unit
Note
-
40
- 50
- 60
min.
max.
min.
max.
min.
max.
Common Parameters
Random read or write cycle time
t
RC
69
84
104
ns
RAS pulse width
t
RAS
40
100k
50
100k
60
100k
ns
CAS pulse width
t
CAS
6
100k
8
100k
10
100k
ns
RAS precharge time
t
RP
25
30
40
ns
CAS precharge time
tCP
6–
8–
10
ns
Row address setup time
tASR
0–
0–
0
ns
Row address hold time
tRAH
5–
7–
10
ns
Column address setup time
tASC
0–
0–
0
ns
Column address hold time
tCAH
5–
7–
10
ns
RAS to CAS delay time
tRCD
9
30
113714
45
ns
RAS to column address delay time
tRAD
7
20
9
25
12
30
ns
RAS hold time
tRSH
6–
8
10
ns
CAS hold time
tCSH
32
40
48
ns
CAS to RAS precharge time
tCRP
5–
5–
5
ns
Transition time (rise and fall)
t
T
150150
150
ns
7
Refresh period for 8k-refresh-version t
REF
128
128
128
ms
Refresh period for 4k-refresh version t
REF
–64–64
–64
ms
Refresh period for L-versions
t
REF
128
128
128
ms
Read Cycle
Access time from RAS
t
RAC
–40–50
–60
ns
8, 9
Access time from CAS
t
CAC
–10–13
–15
ns
8, 9
Access time from column address
tAA
20
25
30
ns
8,10
OE access time
tOEA
–10–13
–15
ns
Column address to RAS lead time
tRAL
20
25
30
ns
Read command setup time
tRCS
0–
0–
0
ns
Read command hold time
tRCH
0–
0–
0
ns
11


Similar Part No. - HYB3164805BJ-40

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164805AJ SIEMENS-HYB3164805AJ Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164805AJ-40 SIEMENS-HYB3164805AJ-40 Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164805AJ-50 SIEMENS-HYB3164805AJ-50 Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164805AJ-60 SIEMENS-HYB3164805AJ-60 Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164805AT-40 SIEMENS-HYB3164805AT-40 Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
More results

Similar Description - HYB3164805BJ-40

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164800J SIEMENS-HYB3164800J Datasheet
453Kb / 28P
   8M x 8-Bit Dynamic RAM
HYB3164800AJ SIEMENS-HYB3164800AJ Datasheet
247Kb / 26P
   8M x 8-Bit Dynamic RAM
HYB3164805AJ SIEMENS-HYB3164805AJ Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164805J SIEMENS-HYB3164805J Datasheet
477Kb / 32P
   8M x 8-Bit Dynamic RAM
HYM328020S SIEMENS-HYM328020S Datasheet
53Kb / 10P
   8M x 32-Bit Dynamic RAM Module
HYM72V8020GS-50- SIEMENS-HYM72V8020GS-50- Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
HYM72V8000GS-50- SIEMENS-HYM72V8000GS-50- Datasheet
86Kb / 11P
   8M x 72-Bit Dynamic RAM Module
HYM368020S SIEMENS-HYM368020S Datasheet
102Kb / 10P
   8M x 36-Bit Dynamic RAM Module
HYB5117800BSJ-50 SIEMENS-HYB5117800BSJ-50 Datasheet
226Kb / 26P
   2M x 8-Bit Dynamic RAM
HYB3117800BSJ-50 SIEMENS-HYB3117800BSJ-50 Datasheet
260Kb / 26P
   2M x 8-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com