Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2520106R8M Datasheet(PDF) 6 Page - Superworld Electronics

Part # L2520106R8M
Description  FERRITE CHIP INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L2520106R8M Datasheet(HTML) 6 Page - Superworld Electronics

  L2520106R8M Datasheet HTML 1Page - Superworld Electronics L2520106R8M Datasheet HTML 2Page - Superworld Electronics L2520106R8M Datasheet HTML 3Page - Superworld Electronics L2520106R8M Datasheet HTML 4Page - Superworld Electronics L2520106R8M Datasheet HTML 5Page - Superworld Electronics L2520106R8M Datasheet HTML 6Page - Superworld Electronics L2520106R8M Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 6
13.10.2011
FERRITE CHIP INDUCTORS
L201610 SERIES
9. PACKAGING INFORMATION :
may cause the failure of mechanical or electrical performance. Solder shall be used not to be exceed as shown in Fig. 4.
Accordingly increasing the solder volume, the mechanical stress to product is also increased. Exceeding solder volume
Figure 4
Recommendable
Upper limit
8-3. Solder Volume
9-1. Reel Dimension
R0.5
R10.5
13.5±0.5
7" x 8mm
9-2 Tape Dimension / 8mm
7" x 8mm
120°
R1.9
2±0.5
A
178.0±2.0
B(mm)
60.0±2.0
9±0.5
A(mm)
Type
13.5±0.5
C(mm)
D(mm)
Chip Size
Reel
3000
L201610
9-3. Packaging Quantity
1.45 max
Ko(mm)
L201610
Size
P(mm)
4.0±0.1
Ao(mm)
1.95±0.10
Bo(mm)
t(mm)
0.3 max
2.40±0.10
Material : Plastic
Po:4±0.1
P
P2:2±0.05
Ao
D1:1±0.1
A
Section A-A
Ko
A
D:1.5+0.1
t


Similar Part No. - L2520106R8M

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
L2520106R8M SUPERWORLD-L2520106R8M Datasheet
380Kb / 7P
   FERRITE CHIP INDUCTORS
More results

Similar Description - L2520106R8M

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
L2-47N-10 SUPERWORLD-L2-47N-10 Datasheet
250Kb / 7P
   FERRITE CHIP INDUCTORS
L3-47N SUPERWORLD-L3-47N Datasheet
367Kb / 9P
   FERRITE CHIP INDUCTORS
L3-47NK-10 SUPERWORLD-L3-47NK-10 Datasheet
358Kb / 9P
   FERRITE CHIP INDUCTORS
L2_SERIES SUPERWORLD-L2_SERIES Datasheet
266Kb / 7P
   FERRITE CHIP INDUCTORS
logo
WALSIN TECHNOLOGY CORPO...
WLFI2012 WALSIN-WLFI2012 Datasheet
1Mb / 7P
   Ferrite Chip Inductors
WLFI1608 WALSIN-WLFI1608 Datasheet
592Kb / 7P
   Ferrite Chip Inductors
logo
Superworld Electronics
L252010 SUPERWORLD-L252010 Datasheet
380Kb / 7P
   FERRITE CHIP INDUCTORS
L4-47NK-10 SUPERWORLD-L4-47NK-10 Datasheet
360Kb / 9P
   FERRITE CHIP INDUCTORS
L201210_SERIES SUPERWORLD-L201210_SERIES Datasheet
376Kb / 6P
   FERRITE CHIP INDUCTORS
logo
Coilcraft lnc.
0603AF COILCRAFT-0603AF Datasheet
136Kb / 2P
   Ferrite Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com