Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z1GC182-RB-10 Datasheet(PDF) 2 Page - Superworld Electronics

Part # Z1GC182-RB-10
Description  Ferrite Chip Bead
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

Z1GC182-RB-10 Datasheet(HTML) 2 Page - Superworld Electronics

  Z1GC182-RB-10 Datasheet HTML 1Page - Superworld Electronics Z1GC182-RB-10 Datasheet HTML 2Page - Superworld Electronics Z1GC182-RB-10 Datasheet HTML 3Page - Superworld Electronics Z1GC182-RB-10 Datasheet HTML 4Page - Superworld Electronics Z1GC182-RB-10 Datasheet HTML 5Page - Superworld Electronics Z1GC182-RB-10 Datasheet HTML 6Page - Superworld Electronics Z1GC182-RB-10 Datasheet HTML 7Page - Superworld Electronics Z1GC182-RB-10 Datasheet HTML 8Page - Superworld Electronics Z1GC182-RB-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PG. 2
SUPERWORLD ELECTRONICS (S) PTE LTD
SUPERWORLD ELECTRONICS (S) PTE LTD
Ferrite Chip Bead
Z1G Series
10.11.2011
NOTE : Specifications subject to change without notice. Please check our website for latest information.
5. ELECTRICAL CHARACTERISTICS :
1000 ±25%
1800 ±25%
220 ±25%
600±25%
Impedance
( Ω )
120 ±25%
100MHz
Z1GC121-RC-10
Z1GC102-RB-10
Z1GC182-RB-10
Z1GC221-RB-10
Z1GC601-RC-10
Part Number
0402
0402
0402
0402
0402
Size
EIA
1.25
2.20
1.00
0.85
Max.
0.70
DC Resistance
( Ω )
2000±40%
2700±40%
900±40%
1400±40%
500±40%
1GHz
Max.
( mA )
Rated Current
300
250
200
250
300


Similar Part No. - Z1GC182-RB-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z1GC182-RB-10 SUPERWORLD-Z1GC182-RB-10 Datasheet
221Kb / 7P
   Ferrite Chip Bead
More results

Similar Description - Z1GC182-RB-10

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SCGB1005S100FPF SOCAY-SCGB1005S100FPF Datasheet
241Kb / 7P
   Chip Ferrite Bead
logo
Murata Manufacturing Co...
BLM21PG221SN1D MURATA-BLM21PG221SN1D Datasheet
123Kb / 4P
   Chip Ferrite Bead
BLM31PG330SN1L MURATA-BLM31PG330SN1L Datasheet
43Kb / 1P
   Chip Ferrite Bead
BLM15AG100SH1D MURATA-BLM15AG100SH1D Datasheet
132Kb / 8P
   Chip Ferrite Bead
logo
Superworld Electronics
Z2K300-RG-10 SUPERWORLD-Z2K300-RG-10_17 Datasheet
336Kb / 8P
   Ferrite Chip Bead
logo
Murata Manufacturing Co...
BLM15PD121SN1D MURATA-BLM15PD121SN1D Datasheet
47Kb / 2P
   Chip Ferrite Bead
BLM21A MURATA-BLM21A Datasheet
112Kb / 3P
   Chip Ferrite Bead
logo
Socay Electornics Co., ...
SCGB1005B102EPF SOCAY-SCGB1005B102EPF Datasheet
224Kb / 4P
   Chip Ferrite Bead
logo
Murata Manufacturing Co...
BLM21AG601SN1B MURATA1-BLM21AG601SN1B Datasheet
330Kb / 10P
   Chip Ferrite Bead
logo
Superworld Electronics
Z1G_SERIES SUPERWORLD-Z1G_SERIES Datasheet
221Kb / 7P
   Ferrite Chip Bead
logo
Socay Electornics Co., ...
SCGB1005H750FPF SOCAY-SCGB1005H750FPF Datasheet
203Kb / 5P
   Chip Ferrite Bead
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com