Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2520101R0M Datasheet(PDF) 5 Page - Superworld Electronics

Part # L2520101R0M
Description  FERRITE CHIP INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L2520101R0M Datasheet(HTML) 5 Page - Superworld Electronics

  L2520101R0M Datasheet HTML 1Page - Superworld Electronics L2520101R0M Datasheet HTML 2Page - Superworld Electronics L2520101R0M Datasheet HTML 3Page - Superworld Electronics L2520101R0M Datasheet HTML 4Page - Superworld Electronics L2520101R0M Datasheet HTML 5Page - Superworld Electronics L2520101R0M Datasheet HTML 6Page - Superworld Electronics L2520101R0M Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 5
13.10.2011
FERRITE CHIP INDUCTORS
L201610 SERIES
8. SOLDERING AND MOUNTING :
8-1. Recommended PC Board Pattern
air soldering tools.
8-2.2 Soldering Iron (Figure 2) :
8-2.1 Lead Free Solder Re-flow :
wave and re-flow soldering systems. If hand soldering cannot be avoided, the preferred technique is the utilization of hot
by the difference in coefficients of expansion between solder, chip and substrate. The terminations are suitable for all
Mildly activated rosin fluxes are preferred. The minimum amount of solder can lead to damage from the stresses caused
Recommended temperature profiles for re-flow soldering in Figure 1.
Products attachment with soldering iron is discouraged due to the inherent process control limitations. In the event that
a) Preheat circuit and products to 150°C.
b) 350°C tip temperature (max)
c) Never contact the ceramic with the iron tip
a soldering iron must be employed the following precautions are recommended.
Note :
8-2. Soldering
330
e) Use a 20 watt soldering iron with tip diameter of 1.0mm
f) Limit soldering time to 4~5 secs.
d) 1.0mm tip diameter (max)
under mechanical stress as warping the board.
the mechanical stress to prevent failure.
Products shall be positioned in the sideway direction against
PC board should be designed so that products are not sufficient
Figure 2. Hand Soldering
Gradual
Cooling
Over 1min.
350
150
Preheating
Soldering
cooling
Natural
(max.)
4~5 sec
3.0
1.0
Figure 1. Re-flow Soldering (Pb Free)
480s max.
217
200
260
150
25
Reflow 3 times max.
Time (sec)
60~180s
60~150s
20 ~ 40s
Preheating
Soldering
Natural
cooling


Similar Part No. - L2520101R0M

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
L2520101R0M SUPERWORLD-L2520101R0M Datasheet
380Kb / 7P
   FERRITE CHIP INDUCTORS
More results

Similar Description - L2520101R0M

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
L2-47N-10 SUPERWORLD-L2-47N-10 Datasheet
250Kb / 7P
   FERRITE CHIP INDUCTORS
L3-47N SUPERWORLD-L3-47N Datasheet
367Kb / 9P
   FERRITE CHIP INDUCTORS
L3-47NK-10 SUPERWORLD-L3-47NK-10 Datasheet
358Kb / 9P
   FERRITE CHIP INDUCTORS
L2_SERIES SUPERWORLD-L2_SERIES Datasheet
266Kb / 7P
   FERRITE CHIP INDUCTORS
logo
WALSIN TECHNOLOGY CORPO...
WLFI2012 WALSIN-WLFI2012 Datasheet
1Mb / 7P
   Ferrite Chip Inductors
WLFI1608 WALSIN-WLFI1608 Datasheet
592Kb / 7P
   Ferrite Chip Inductors
logo
Superworld Electronics
L252010 SUPERWORLD-L252010 Datasheet
380Kb / 7P
   FERRITE CHIP INDUCTORS
L4-47NK-10 SUPERWORLD-L4-47NK-10 Datasheet
360Kb / 9P
   FERRITE CHIP INDUCTORS
L201210_SERIES SUPERWORLD-L201210_SERIES Datasheet
376Kb / 6P
   FERRITE CHIP INDUCTORS
logo
Coilcraft lnc.
0603AF COILCRAFT-0603AF Datasheet
136Kb / 2P
   Ferrite Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com