Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1M-1N5S-10 Datasheet(PDF) 5 Page - Superworld Electronics

Part # L1M-1N5S-10
Description  High Frequency Chip Inductor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L1M-1N5S-10 Datasheet(HTML) 5 Page - Superworld Electronics

  L1M-1N5S-10 Datasheet HTML 1Page - Superworld Electronics L1M-1N5S-10 Datasheet HTML 2Page - Superworld Electronics L1M-1N5S-10 Datasheet HTML 3Page - Superworld Electronics L1M-1N5S-10 Datasheet HTML 4Page - Superworld Electronics L1M-1N5S-10 Datasheet HTML 5Page - Superworld Electronics L1M-1N5S-10 Datasheet HTML 6Page - Superworld Electronics L1M-1N5S-10 Datasheet HTML 7Page - Superworld Electronics L1M-1N5S-10 Datasheet HTML 8Page - Superworld Electronics L1M-1N5S-10 Datasheet HTML 9Page - Superworld Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 5
7. RELIABILITY & TEST CONDITION :
Bending
40(1.575)
not be damaged by the forces applied on the
The terminal electrode & the dielectric must
Flexture Strength
100(3.937)
45(1.772)
right conditions.
45(1.772)
20(.787)
Solder a chip on a test substrate, bend the substrate
by 2mm (0.079in) and return.
TEST CONDITION
PERFORMANCE
not be damaged by the forces applied on the
The terminal electrode & the dielectric must
More than 95% of the terminal electrode
Refer to standard electrical characteristics list
10± 0.5
seconds
60
seconds
Terminal Strength
Solderability
right conditions.
W
should be covered with solder.
60
seconds
Preheating
245° C
150° C
4± 1.0
seconds
cooling
Dipping
Natural
Solder Heat Resistance
Temperature Rise Test
Electrical Characteristics Test
Rated Current
Inductance (Ls)
Preheating
260° C
150° C
Dipping
cooling
Natural
Solder : Sn-Cu0.5
Flux for lead free: ROL0
Dip Time : 4± 1sec.
Preheat : 150° C, 60sec.
Solder Temperature : 245± 5° C
2. Temperature measured by digital surface thermometer.
Flux for lead free: ROL0
Dip Time : 10± 0.5sec.
Preheat : 150° C, 60sec.
Solder : Sn-Cu0.5
Solder Temperature : 260± 5° C
1. Applied the allowed DC current.
Agilent E4991
No mechanical damage.
Remaining terminal electrode : 75% min.
ITEM
Rated Current < 1A ΔT 20°C Max
Rated Current
1A ΔT 40°C Max
DC Power Supply
Over Rated Current requirements, there will be some risk
Q Factor
Agilent4287
DC Resistance
Agilent 4338
Agilent16192
The duration of the applied forces shall be 60
(+ 5) Sec.
For L Series :
1.0
5
6
7
1.0
1.5
2
3
4
0.6
0.5
1.0
> 30
Size
Force (Kfg)
Time (sec)
10.2
High Frequency Chip Inductor
L1M SERIES
10.11.2011
NOTE : Specifications subject to change without notice. Please check our website for latest information.


Similar Part No. - L1M-1N5S-10

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L1MC-RGB0035000MP0 LUMILEDS-L1MC-RGB0035000MP0 Datasheet
1Mb / 13P
   RGB 3-in-1 versatile package
20190311
L1MC-RGB0035010MP0 LUMILEDS-L1MC-RGB0035010MP0 Datasheet
1Mb / 13P
   RGB 3-in-1 versatile package
20190311
L1MC-RGB2290500MP0 LUMILEDS-L1MC-RGB2290500MP0 Datasheet
2Mb / 20P
   LUXEON MultiColor Module 2.5W RGBW 4-in-1 versatile package
20210428
L1MC-RGB2780500MP0 LUMILEDS-L1MC-RGB2780500MP0 Datasheet
2Mb / 20P
   LUXEON MultiColor Module 2.5W RGBW 4-in-1 versatile package
20210428
L1MC-RGB3080500MP0 LUMILEDS-L1MC-RGB3080500MP0 Datasheet
2Mb / 20P
   LUXEON MultiColor Module 2.5W RGBW 4-in-1 versatile package
20210428
More results

Similar Description - L1M-1N5S-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LSMH-2012 ETC2-LSMH-2012 Datasheet
26Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
MPS Industries, Inc.
R7X0402CM MPSIND-R7X0402CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0603CW MPSIND-R7X0603CW Datasheet
199Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0805CM MPSIND-R7X0805CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
logo
Caliber Electronics Inc...
LSMH-1608 CALIBER-LSMH-1608 Datasheet
25Kb / 1P
   High Frequency Multilayer Chip Inductor
LSMH-2012 CALIBER-LSMH-2012 Datasheet
27Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
Allied Components Inter...
HFC02 ALLIED-HFC02 Datasheet
493Kb / 1P
   High Frequency Ceramic Chip Inductor
logo
List of Unclassifed Man...
LSMH-1608 ETC2-LSMH-1608 Datasheet
24Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
Caliber Electronics Inc...
LSMH-1005 CALIBER-LSMH-1005 Datasheet
25Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
List of Unclassifed Man...
LSMH-1005 ETC2-LSMH-1005 Datasheet
24Kb / 1P
   High Frequency Multilayer Chip Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com