Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3164805AJ-40 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # HYB3164805AJ-40
Description  8M x 8-Bit Dynamic RAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3164805AJ-40 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button HYB3164805AJ-40 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3164805AJ-40 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3164805AJ-40 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3164805AJ-40 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3164805AJ-40 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3164805AJ-40 Datasheet HTML 10Page - Siemens Semiconductor Group HYB3164805AJ-40 Datasheet HTML 11Page - Siemens Semiconductor Group HYB3164805AJ-40 Datasheet HTML 12Page - Siemens Semiconductor Group HYB3164805AJ-40 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Semiconductor Group
9
HYB3164(5)805AJ/AT(L)-40/-50/-60
8M x 8-DRAM
AC Characteristics 5)6)
AC64-2E
T
A = 0 to 70 °C,VCC = 3.3 V ± 0.3V , tT = 2 ns
Parameter
Symbol
Limit Values
Unit
Note
- 40
- 50
- 60
min.
max.
min.
max.
min.
max.
Common Parameters
Random read or write cycle time
tRC
69
84
104
ns
RAS pulse width
tRAS
40
100k
50
100k
60
100k
ns
CAS pulse width
tCAS
6
100k
8
100k
10
100k
ns
RAS precharge time
tRP
25
30
40
ns
CAS precharge time
tCP
6–8
–10
ns
Row address setup time
t
ASR
0–0
–0–
ns
Row address hold time
t
RAH
5–7
–10
ns
Column address setup time
t
ASC
0–0
–0–
ns
Column address hold time
t
CAH
5–7
–10
ns
RAS to CAS delay time
t
RCD
9
3011
371445
ns
RAS to column address delay time
t
RAD
7
20
9
25
12
30
ns
RAS hold time
t
RSH
6–8
10
ns
CAS hold time
t
CSH
32
40
48
ns
CAS to RAS precharge time
tCRP
5–5
–5–
ns
Transition time (rise and fall)
tT
150
1
50
150
ns
7
Refresh period for 8k-refresh-version tREF
128
128
128
ms
Refresh period for 4k-refresh version tREF
–64
64
–64
ms
Refresh period for L-versions
tREF
256
256
256
ms
Read Cycle
Access time from RAS
tRAC
–40
50
–60
ns
8, 9
Access time from CAS
tCAC
–10
13
–15
ns
8, 9
Access time from column address
tAA
–20
25
–30
ns
8,10
OE access time
t
OEA
–10
13
–15
ns
Column address to RAS lead time
t
RAL
20
25
30
ns
Read command setup time
t
RCS
0–0
–0–
ns
Read command hold time
t
RCH
0–0
–0–
ns
11


Similar Part No. - HYB3164805AJ-40

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164805BJ SIEMENS-HYB3164805BJ Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164805BJ-40 SIEMENS-HYB3164805BJ-40 Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164805BJ-50 SIEMENS-HYB3164805BJ-50 Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164805BJ-60 SIEMENS-HYB3164805BJ-60 Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164805BT-40 SIEMENS-HYB3164805BT-40 Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
More results

Similar Description - HYB3164805AJ-40

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164800J SIEMENS-HYB3164800J Datasheet
453Kb / 28P
   8M x 8-Bit Dynamic RAM
HYB3164805BJ SIEMENS-HYB3164805BJ Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164800AJ SIEMENS-HYB3164800AJ Datasheet
247Kb / 26P
   8M x 8-Bit Dynamic RAM
HYB3164805J SIEMENS-HYB3164805J Datasheet
477Kb / 32P
   8M x 8-Bit Dynamic RAM
HYM328020S SIEMENS-HYM328020S Datasheet
53Kb / 10P
   8M x 32-Bit Dynamic RAM Module
HYM72V8020GS-50- SIEMENS-HYM72V8020GS-50- Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
HYM72V8000GS-50- SIEMENS-HYM72V8000GS-50- Datasheet
86Kb / 11P
   8M x 72-Bit Dynamic RAM Module
HYM368020S SIEMENS-HYM368020S Datasheet
102Kb / 10P
   8M x 36-Bit Dynamic RAM Module
HYB5117800BSJ-50 SIEMENS-HYB5117800BSJ-50 Datasheet
226Kb / 26P
   2M x 8-Bit Dynamic RAM
HYB3117800BSJ-50 SIEMENS-HYB3117800BSJ-50 Datasheet
260Kb / 26P
   2M x 8-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com