Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK60S5DPP-E0-T2 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJK60S5DPP-E0-T2
Description  600V - 20A - SJ MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK60S5DPP-E0-T2 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJK60S5DPP-E0-T2 Datasheet HTML 1Page - Renesas Technology Corp RJK60S5DPP-E0-T2 Datasheet HTML 2Page - Renesas Technology Corp RJK60S5DPP-E0-T2 Datasheet HTML 3Page - Renesas Technology Corp RJK60S5DPP-E0-T2 Datasheet HTML 4Page - Renesas Technology Corp RJK60S5DPP-E0-T2 Datasheet HTML 5Page - Renesas Technology Corp RJK60S5DPP-E0-T2 Datasheet HTML 6Page - Renesas Technology Corp RJK60S5DPP-E0-T2 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R07DS0641EJ0100 Rev.1.00
Page 1 of 6
Apr 23, 2012
Preliminary Datasheet
RJK60S5DPP-E0
600V - 20A - SJ MOS FET
High Speed Power Switching
Features
• Superjunction MOSFET
• Low on-resistance
RDS(on) = 0.150 Ω typ. (at ID = 10 A, VGS = 10 V, Ta = 25°C)
• High speed switching
tf = 23 ns typ. (at ID = 10 A, VGS = 10 V, RL = 30 Ω, Rg = 10 Ω, Ta = 25°C)
Outline
RENESAS Package code: PRSS0003AG-A
(Package name: TO-220FP)
1
2
3
D
1. Gate
2. Drain
3. Source
S
G
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
600
V
Gate to source voltage
VGSS
+30,
−20
V
Tc = 25
°C
ID)
Note1
20
A
Drain current
Tc = 100
°C
ID)
Note1
12.6
A
Drain peak current
ID (pulse)
Note1
40
A
Body-drain diode reverse drain current
IDR
Note1
20
A
Body-drain diode reverse drain peak current
IDR (pulse)
Note1
40
A
Avalanche current
IAP
Note3
5
A
Avalanche energy
EAR
Note3
1.36
mJ
Channel dissipation
Pch
Note2
33.7
W
Channel to case thermal impedance
θch-c
3.7
°C/W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. Limited by Tch max.
2. Value at Tc = 25
°C
3. STch = 25
°C, Tch ≤ 150°C
R07DS0641EJ0100
Rev.1.00
Apr 23, 2012


Similar Part No. - RJK60S5DPP-E0-T2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK60S5DPP-E0 RENESAS-RJK60S5DPP-E0 Datasheet
112Kb / 8P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S5DPP-E0T2 RENESAS-RJK60S5DPP-E0T2 Datasheet
112Kb / 8P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S5DPP-E0 RENESAS-RJK60S5DPP-E0_13 Datasheet
112Kb / 8P
   600V - 20A - SJ MOS FET High Speed Power Switching
More results

Similar Description - RJK60S5DPP-E0-T2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK60S5DPE RENESAS-RJK60S5DPE Datasheet
89Kb / 7P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S5DPQ-E0 RENESAS-RJK60S5DPQ-E0_13 Datasheet
110Kb / 8P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S5DPQ-E0 RENESAS-RJK60S5DPQ-E0 Datasheet
93Kb / 8P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJL60S5DPP-E0 RENESAS-RJL60S5DPP-E0 Datasheet
114Kb / 8P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJL60S5DPE RENESAS-RJL60S5DPE Datasheet
151Kb / 4P
   600V - 20A - SJ MOS FET High Speed Power Switching
Jun 21, 2012
RJK60S5DPP-E0 RENESAS-RJK60S5DPP-E0_13 Datasheet
112Kb / 8P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S5DPK-M0 RENESAS-RJK60S5DPK-M0_13 Datasheet
112Kb / 8P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJL60S5DPK-M0 RENESAS-RJL60S5DPK-M0 Datasheet
58Kb / 4P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S2DPP-E0 RENESAS-RJK60S2DPP-E0 Datasheet
60Kb / 4P
   600V - 8A - SJ MOS FET High Speed Power Switching
RJK60S1DPD RENESAS-RJK60S1DPD Datasheet
95Kb / 7P
   600V - 8A - SJ MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com