Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK60S4DPP-E0 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJK60S4DPP-E0
Description  600V - 16A - SJ MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK60S4DPP-E0 Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJK60S4DPP-E0 Datasheet HTML 1Page - Renesas Technology Corp RJK60S4DPP-E0 Datasheet HTML 2Page - Renesas Technology Corp RJK60S4DPP-E0 Datasheet HTML 3Page - Renesas Technology Corp RJK60S4DPP-E0 Datasheet HTML 4Page - Renesas Technology Corp RJK60S4DPP-E0 Datasheet HTML 5Page - Renesas Technology Corp RJK60S4DPP-E0 Datasheet HTML 6Page - Renesas Technology Corp RJK60S4DPP-E0 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RJK60S4DPP-E0
Preliminary
R07DS0638EJ0100 Rev.1.00
Page 3 of 6
Apr 23, 2012
Main Characteristics
30
25
20
15
10
5
24
6
8
10
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
1100
10
0.1
1
10
Drain Current
ID (A)
Static Drain to Source on State Resistance
vs. Drain Current (Typical)
Ta = 25
°C
Pulse Test
VGS = 5.5 V
6 V
7 V
6.5 V
0
0
24
6
8
10
0
8 V
10 V
15 V
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
10
1
0.1
100
0.01
VDS = 10 V
Pulse Test
Tc = 75
°C
25
°C
−25°C
20
16
12
8
4
2
468
10
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Ta = 125
°C
Pulse Test
0
0
025
50
100
75
125 150 175
Case Temperature Tc (°C)
Channel Dissipation vs.
Case Temperature
40
30
20
10
0
VGS = 5 V
6 V
6.5 V
5.5 V
8 V
10 V
15 V
7 V
VGS = 10 V
Pulse Test
25
°C
Ta = 125
°C
1.0
0.8
0.6
0.4
0.2
0
Case Temperature
Tc (
°C)
Static Drain to Source on State Resistance
vs. Temperature (Typical)
−25
0
50
25
75
100 125 150
ID = 16 A
8 A
4 A
VGS = 10 V
Pulse Test


Similar Part No. - RJK60S4DPP-E0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK60S4DPE RENESAS-RJK60S4DPE Datasheet
88Kb / 7P
   600V - 16A - SJ MOS FET High Speed Power Switching
RJK60S4DPE-00-J3 RENESAS-RJK60S4DPE-00-J3 Datasheet
88Kb / 7P
   600V - 16A - SJ MOS FET High Speed Power Switching
More results

Similar Description - RJK60S4DPP-E0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK60S4DPE RENESAS-RJK60S4DPE Datasheet
88Kb / 7P
   600V - 16A - SJ MOS FET High Speed Power Switching
RJK6014DPP-E0 RENESAS-RJK6014DPP-E0_15 Datasheet
90Kb / 7P
   600V - 16A - MOS FET High Speed Power Switching
RJK6014DPP-A0 RENESAS-RJK6014DPP-A0 Datasheet
173Kb / 7P
   600V - 16A - MOS FET High Speed Power Switching
Mar.10.2021
RJK6014DPP-E0 RENESAS-RJK6014DPP-E0 Datasheet
90Kb / 7P
   600V - 16A - MOS FET High Speed Power Switching
RJK60S2DPP-E0 RENESAS-RJK60S2DPP-E0 Datasheet
60Kb / 4P
   600V - 8A - SJ MOS FET High Speed Power Switching
RJK60S5DPE RENESAS-RJK60S5DPE Datasheet
89Kb / 7P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S5DPP-E0 RENESAS-RJK60S5DPP-E0 Datasheet
91Kb / 7P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S5DPQ-E0 RENESAS-RJK60S5DPQ-E0_13 Datasheet
110Kb / 8P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S1DPD RENESAS-RJK60S1DPD Datasheet
95Kb / 7P
   600V - 8A - SJ MOS FET High Speed Power Switching
RJK60S3DPP-E0 RENESAS-RJK60S3DPP-E0 Datasheet
85Kb / 7P
   600V - 12A - SJ MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com