Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3164405AT-40 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # HYB3164405AT-40
Description  16M x 4-Bit Dynamic RAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3164405AT-40 Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button HYB3164405AT-40 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3164405AT-40 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3164405AT-40 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3164405AT-40 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3164405AT-40 Datasheet HTML 10Page - Siemens Semiconductor Group HYB3164405AT-40 Datasheet HTML 11Page - Siemens Semiconductor Group HYB3164405AT-40 Datasheet HTML 12Page - Siemens Semiconductor Group HYB3164405AT-40 Datasheet HTML 13Page - Siemens Semiconductor Group HYB3164405AT-40 Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Semiconductor Group
10
HYB3164(5)405AJ/AT(L)-40/-50/-60
16M x 4-DRAM
Read command hold time
referenced to RAS
tRRH
0–0
–0–
ns
11
CAS to output in low-Z
t
CLZ
0–0
–0–
ns
8
Output buffer turn-off delay
tOFF
010
0
13
015
ns
12
Output buffer turn-off delay from OE
tOEZ
010
0
13
015
ns
12
Data to CAS low delay
tDZC
0–0
–0–
ns
13
Data to OE low delay
tDZO
0–0
–0–
ns
13
CAS high to data delay
tCDD
10
13
15
ns
14
OE high to data delay
tODD
10
13
15
ns
14
Write Cycle
Write command hold time
tWCH
5–7
–10
ns
Write command pulse width
tWP
5–7
–10
ns
Write command setup time
t
WCS
0–0
–0–
ns
15
Write command to RAS lead time
t
RWL
6–8
–10
ns
Write command to CAS lead time
t
CWL
6–8
–10
ns
Data setup time
t
DS
0–0
–0–
ns
16
Data hold time
t
DH
5–7
–10
ns
16
Read-modify-Write Cycle
Read-write cycle time
tRWC
89
109
133
ns
RAS to WE delay time
tRWD
52
65
77
ns
15
CAS to WE delay time
tCWD
22
28
32
ns
15
Column address to WE delay time
tAWD
32
40
47
ns
15
OE command hold time
tOEH
5–7
–10
ns
Hyper Page Mode (EDO) Cycle
Hyper page mode (EDO) cycle time
tHPC
16
20
24
ns
Access time from CAS precharge
tCPA
–22
27
–32
ns
7
Output data hold time
tCOH
3–5
–5–
ns
AC Characteristics (cont’d) 5)6)
AC64-2E
T
A = 0 to 70 °C,VCC = 3.3 V ± 0.3V , tT = 2 ns
Parameter
Symbol
Limit Values
Unit
Note
- 40
- 50
- 60
min.
max.
min.
max.
min.
max.


Similar Part No. - HYB3164405AT-40

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164405BJ SIEMENS-HYB3164405BJ Datasheet
303Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405BJ-40 SIEMENS-HYB3164405BJ-40 Datasheet
303Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405BJ-50 SIEMENS-HYB3164405BJ-50 Datasheet
303Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405BJ-60 SIEMENS-HYB3164405BJ-60 Datasheet
303Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405BT-40 SIEMENS-HYB3164405BT-40 Datasheet
303Kb / 29P
   16M x 4-Bit Dynamic RAM
More results

Similar Description - HYB3164405AT-40

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164400AJ SIEMENS-HYB3164400AJ Datasheet
246Kb / 26P
   16M x 4-Bit Dynamic RAM
HYB3164405BJ SIEMENS-HYB3164405BJ Datasheet
303Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405J SIEMENS-HYB3164405J Datasheet
473Kb / 32P
   16M x 4-Bit Dynamic RAM
HYB3164400J SIEMENS-HYB3164400J Datasheet
448Kb / 28P
   16M x 4-Bit Dynamic RAM
HYM72V1600GS-50- SIEMENS-HYM72V1600GS-50- Datasheet
77Kb / 22P
   16M x 72-Bit Dynamic RAM Module
HYM72V1620GS-50- SIEMENS-HYM72V1620GS-50- Datasheet
69Kb / 11P
   16M x 72-Bit Dynamic RAM Module
logo
Panasonic Semiconductor
MN4SV17160BT-80 PANASONIC-MN4SV17160BT-80 Datasheet
2Mb / 54P
   16M BIT SYNCHRONOUS DYNAMIC RAM
logo
Fujitsu Component Limit...
MB8516SR72CA-102 FUJITSU-MB8516SR72CA-102 Datasheet
1Mb / 20P
   16M X 72 BIT SYNCHRONOUS DYNAMIC RAM DIMM
logo
Siemens Semiconductor G...
HYB514400BJ SIEMENS-HYB514400BJ Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com