Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM6249WJ20 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MCM6249WJ20
Description  1M x4 Bit Static Random Access Memory
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6249WJ20 Datasheet(HTML) 6 Page - Motorola, Inc

  MCM6249WJ20 Datasheet HTML 1Page - Motorola, Inc MCM6249WJ20 Datasheet HTML 2Page - Motorola, Inc MCM6249WJ20 Datasheet HTML 3Page - Motorola, Inc MCM6249WJ20 Datasheet HTML 4Page - Motorola, Inc MCM6249WJ20 Datasheet HTML 5Page - Motorola, Inc MCM6249WJ20 Datasheet HTML 6Page - Motorola, Inc MCM6249WJ20 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MCM6249
6
MOTOROLA FAST SRAM
WRITE CYCLE 2 (E Controlled, See Notes 1, 2, and 3)
MCM6249–20
MCM6249–25
MCM6249–35
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Write Cycle Time
tAVAV
20
25
35
ns
4
Address Setup Time
tAVEL
0
0
0
ns
Address Valid to End of Write
tAVEH
15
17
20
ns
Enable Pulse Width
tELEH,
tELWH
15
17
20
ns
5,6
Write Pulse Width
tWLEH
15
17
20
ns
Data Valid to End of Write
tDVEH
10
10
15
ns
Data Hold Time
tEHDX
0
0
0
ns
Write Recovery Time
tEHAX
0
0
0
ns
NOTES:
1. A write occurs during the overlap of E low and W low.
2. Product sensitivities to noise require proper grounding and decoupling of power supplies as well as minimization or elimination of bus con–
tention conditions during read and write cycles.
3. If G goes low coincident with or after W goes low, the output will remain in a high–impedance state.
4. All write cycle timing is referenced from the last valid address to the first transitioning address.
5. If E goes low coincident with or after W goes low, the output will remain in a high impedance condition.
6. If E goes high coincident with or before W goes high, the output will remain in a high impedance condition.
WRITE CYCLE 2 (E Controlled, See Notes 1, 2, and 3)
DATA VALID
HIGH–Z
tAVAV
tAVEH
tAVEL
tELWH
tEHAX
tDVEH
tEHDX
A (ADDRESS)
E (CHIP ENABLE)
W (WRITE ENABLE)
D (DATA IN)
Q (DATA OUT)
tELEH
tWLEH
ORDERING INFORMATION
(Order by Full Part Number)
Motorola Memory Prefix
Part Number
Package (WJ = 400 mil SOJ)
Full Part Numbers — MCM6249WJ20
MCM6249WJ20R2
MCM6249WJ25
MCM6249WJ25R2
MCM6249WJ35
MCM6249WJ35R2
Shipping Method (R2 = Tape and Reel, Blank = Rails)
Speed (20 = 20 ns, 25 = 25 ns, 35 = 35 ns)
MCM
6249
XX
XX
XX


Similar Part No. - MCM6249WJ20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6246 MOTOROLA-MCM6246 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6246WJ17 MOTOROLA-MCM6246WJ17 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6246WJ17R2 MOTOROLA-MCM6246WJ17R2 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6246WJ20 MOTOROLA-MCM6246WJ20 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6246WJ20R2 MOTOROLA-MCM6246WJ20R2 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
More results

Similar Description - MCM6249WJ20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6227A MOTOROLA-MCM6227A Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227B MOTOROLA-MCM6227B Datasheet
147Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6949 MOTOROLA-MCM6949 Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
MCM6147A MOTOROLA-MCM6147A Datasheet
194Kb / 6P
   4K BIT STATIC RANDOM ACCESS MEMORY
logo
ACCUTEK MICROCIRCUIT CO...
AK63264BZ ACCUTEK-AK63264BZ_09 Datasheet
78Kb / 2P
   Static Random Access Memory
AK632256BZ ACCUTEK-AK632256BZ_09 Datasheet
101Kb / 2P
   Static Random Access Memory
AK6321024W ACCUTEK-AK6321024W_09 Datasheet
148Kb / 2P
   Static Random Access Memory
AK63216Z ACCUTEK-AK63216Z_09 Datasheet
77Kb / 2P
   Static Random Access Memory
AK68512D ACCUTEK-AK68512D_09 Datasheet
185Kb / 2P
   Static Random Access Memory
AK682048D ACCUTEK-AK682048D_13 Datasheet
140Kb / 2P
   Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com