Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67100-Q1119 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # Q67100-Q1119
Description  3.3V 4M x 4-Bit EDO-Dynamic RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q1119 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button Q67100-Q1119 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-Q1119 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-Q1119 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-Q1119 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q1119 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q1119 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q1119 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q1119 Datasheet HTML 9Page - Siemens Semiconductor Group Q67100-Q1119 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Semiconductor Group
6
HYB 3116(7)405BJ/BT(L) -50/-60/-70
3.3V 4Mx4-DRAM
Absolute Maximum Ratings
Operating temperature range ............................................................................................0 to 70 °C
Storage temperature range.........................................................................................– 55 to 150 °C
Input/output voltage ................................................................................-0.5 to min(Vcc+0.5, 4.6) V
Power supply voltage.................................................................................................- 0.5 V to 4.6 V
Power dissipation.................................................................................................................... 0.5 W
Data out current (short circuit) ................................................................................................ 50 mA
Note:
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage of
the device. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
DC Characteristics (values in brackets for HYB3117405)
TA = 0 to 70 °C, VSS = 0 V, VCC = 3.3 V
± 0.3 V, t
T = 2 ns
Parameter
Symbol
Limit Values
Unit Test
Condition
min.
max.
Input high voltage
V
IH
2.0
Vcc+0.5
V
1)
Input low voltage
VIL
– 0.5
0.8
V
1)
TTL Output high voltage (
I
OUT = – 2 mA)
V
OH
2.4
V
1)
TTL Output low voltage (
IOUT = 2 mA)
VOL
–0.4
V
1)
CMOS Output high voltage (
I
OUT = –100 uA)
V
OH
VCC-0.2
V
CMOS Output low voltage (
IOUT = 100 uA)
VOL
–0.2
V
Input leakage current
(0 V
V
IH
≤ Vcc + 0.3V, all other pins = 0 V)
I
I(L)
– 10
10
µA
1)
Output leakage current
(DO is disabled, 0 V
V
OUT ≤ Vcc + 0.3V)
I
O(L)
– 10
10
µA
1)
Average
VCC supply current:
-50 ns version
-60 ns version
-70 ns version
(RAS, CAS, address cycling, tRC = tRC min.)
ICC1
100(120)
90 (110)
80 (100)
mA
mA
mA
2) 3) 4)
2) 3) 4)
2) 3) 4)
Standby
VCC supply current (RAS =CAS = VIH) ICC2
–2mA


Similar Part No. - Q67100-Q1119

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-Q1100 SIEMENS-Q67100-Q1100 Datasheet
323Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
Q67100-Q1101 SIEMENS-Q67100-Q1101 Datasheet
323Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
Q67100-Q1102 SIEMENS-Q67100-Q1102 Datasheet
323Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
Q67100-Q1103 SIEMENS-Q67100-Q1103 Datasheet
323Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
Q67100-Q1104 SIEMENS-Q67100-Q1104 Datasheet
258Kb / 25P
   2M x 8 - Bit Dynamic RAM 2k Refresh
More results

Similar Description - Q67100-Q1119

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3116400BJBTL-50- SIEMENS-HYB3116400BJBTL-50- Datasheet
253Kb / 26P
   3.3V 4M x 4-Bit Dynamic RAM
logo
Taiwan Memory Technolog...
T2316405A TMT-T2316405A Datasheet
136Kb / 9P
   4M x 4 DYNAMIC RAM EDO PAGE MODE???
logo
Siemens Semiconductor G...
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
logo
Mosel Vitelic, Corp
V53C517405A MOSEL-V53C517405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C317405A MOSEL-V53C317405A Datasheet
175Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C516405A MOSEL-V53C516405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
logo
AMIC Technology
A42L2604 AMICC-A42L2604_15 Datasheet
335Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604 AMICC-A42U2604_15 Datasheet
268Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L2604 AMICC-A42L2604 Datasheet
259Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com