Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3165160AT-60 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # HYB3165160AT-60
Description  4M x 16-Bit Dynamic RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3165160AT-60 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button HYB3165160AT-60 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3165160AT-60 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3165160AT-60 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3165160AT-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3165160AT-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3165160AT-60 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3165160AT-60 Datasheet HTML 10Page - Siemens Semiconductor Group HYB3165160AT-60 Datasheet HTML 11Page - Siemens Semiconductor Group HYB3165160AT-60 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Semiconductor Group
8
HYB3164(5/6)160AT(L)-40/-50/-60
4M x 16-DRAM
Absolute Maximum Ratings
Operating temperature range..............................................................................................0 to 70 °C
Storage temperature range.........................................................................................– 55 to 150 °C
Input/output voltage..................................................................................-0.5 to min (Vcc+0.5,4.6) V
Power supply voltage....................................................................................................-0.5V to 4.6 V
Power dissipation......................................................................................................................1.3 W
Data out current (short circuit)..................................................................................................50 mA
Note
Stresses above those listed under „Absolute Maximum Ratings“ may cause permanent damage of
the device. Exposure to absolute maximum rating conditions for extended periods may effect device
reliability.
DC Characteristics
T
A = 0 to 70 °C, VSS = 0 V, VCC = 3.3 V ± 0.3 V
Parameter
Symbol
Limit Values
Unit Note
min.
max.
Input high voltage
V
IH
2.0
Vcc+0.3
V
1)
Input low voltage
V
IL
– 0.3
0.8
V
1)
Output high voltage (LVTTL)
Output „H“ level voltage (Iout = -2mA)
V
OH
2.4
V
Output low voltage (LVTTL)
Output „L“level voltage (Iout = +2mA)
V
OL
0.4
V
Output high voltage (LVCMOS)
Output „H“ level voltage (Iout = -100uA)
V
OH
Vcc-0.2 -
V
Ouput low voltage (LVCMOS)
Output „L“ level voltage (Iout = +100uA)
V
OL
-
0.2
V
Input leakage current,any input
(0 V < Vin < Vcc , all other pins = 0 V
I
I(L)
– 2
2
µA
Output leakage current
(DO is disabled, 0 V < Vout < Vcc )
I
O(L)
– 2
2
µA


Similar Part No. - HYB3165160AT-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3165160T-50 SIEMENS-HYB3165160T-50 Datasheet
367Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3165160T-60 SIEMENS-HYB3165160T-60 Datasheet
367Kb / 26P
   4M x 16-Bit Dynamic RAM
More results

Similar Description - HYB3165160AT-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164165BT SIEMENS-HYB3164165BT Datasheet
304Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3164160T SIEMENS-HYB3164160T Datasheet
367Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165T SIEMENS-HYB3164165T Datasheet
391Kb / 30P
   4M x 16-Bit Dynamic RAM
HYB3164165AT SIEMENS-HYB3164165AT Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB514100BJ-50- SIEMENS-HYB514100BJ-50- Datasheet
108Kb / 21P
   4M x 1-Bit Dynamic RAM
logo
List of Unclassifed Man...
GLT5640AL16 ETC-GLT5640AL16 Datasheet
2Mb / 72P
   4M X 16 CMOS Synchronous Dynamic RAM
logo
Siemens Semiconductor G...
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com