Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67100-Q2124 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q67100-Q2124
Description  1M x 4-Bit Dynamic RAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q2124 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q67100-Q2124 Datasheet HTML 1Page - Siemens Semiconductor Group Q67100-Q2124 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-Q2124 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-Q2124 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-Q2124 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q2124 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q2124 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q2124 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q2124 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Semiconductor Group
2
HYB 314405BJ/BJL-50/-60/-70
3.3V 1M x 4 EDO - DRAM
The HYB 314405BJ/BJL is the new generation dynamic RAM organized as 1 048 576 words by
4-bit. The HYB 314405BJ/BJL utilizes CMOS silicon gate process as well as advances circuit
techniques to provide wide operation margins, both internally and for the system user. Multiplexed
address inputs permit the HYB 314405BJ/BJL to be packed in a standard plastic P-SOJ-26/20
package. This package size provides high system bit densities and is compatible with commonly
used automatic testing and insertion equipment. System oriented features include single + 3.3 V
(
± 0.3 V) power supply, direct interfacing with high performance logic device families.
Ordering Information
Type
Ordering Code
Package
Descriptions
HYB 314405BJ-50
Q67100-Q2122
P-SOJ-26/20-5
3.3 V EDO-DRAM
(access time 50 ns)
HYB 314405BJ-60
Q67100-Q2124
P-SOJ-26/20-5
3.3 V EDO-DRAM
(access time 60 ns)
HYB 314405BJ-70
Q67100-Q2126
P-SOJ-26/20-5
3.3 V EDO-DRAM
(access time 70 ns)
HYB 314405BJL-50
on request
P-SOJ-26/20-5
3.3 V Low Power EDO-DRAM
(access time 50 ns)
HYB 314405BJL-60
on request
P-SOJ-26/20-5
3.3 V Low Power EDO-DRAM
(access time 60 ns)
HYB 314405BJL-70
on request
P-SOJ-26/20-5
3.3 V Low Power EDO-DRAM
(access time 70 ns)


Similar Part No. - Q67100-Q2124

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-Q2120 SIEMENS-Q67100-Q2120 Datasheet
1Mb / 25P
   1M x 4-Bit Dynamic RAM
More results

Similar Description - Q67100-Q2124

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
HYB514400BJ SIEMENS-HYB514400BJ Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
HYB314400BJ-50- SIEMENS-HYB314400BJ-50- Datasheet
126Kb / 25P
   1M x 4-Bit Dynamic RAM
HYB514400BJ-50- SIEMENS-HYB514400BJ-50- Datasheet
124Kb / 24P
   1M x 4-Bit Dynamic RAM
HYB514405BJ SIEMENS-HYB514405BJ Datasheet
1Mb / 25P
   1M x 4-Bit Dynamic RAM
HYB5116160BSJ-50 SIEMENS-HYB5116160BSJ-50 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5118160BSJ-50 SIEMENS-HYB5118160BSJ-50 Datasheet
254Kb / 24P
   1M x 16-Bit Dynamic RAM
HYM321160S SIEMENS-HYM321160S Datasheet
126Kb / 9P
   1M x 32-Bit Dynamic RAM Module
HYM641010GS-60- SIEMENS-HYM641010GS-60- Datasheet
82Kb / 11P
   1M x 64-Bit Dynamic RAM Module
HYM721000GS-60- SIEMENS-HYM721000GS-60- Datasheet
83Kb / 11P
   1M x 72-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com