Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3165160AT-50 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # HYB3165160AT-50
Description  4M x 16-Bit Dynamic RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3165160AT-50 Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button HYB3165160AT-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3165160AT-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3165160AT-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3165160AT-50 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3165160AT-50 Datasheet HTML 10Page - Siemens Semiconductor Group HYB3165160AT-50 Datasheet HTML 11Page - Siemens Semiconductor Group HYB3165160AT-50 Datasheet HTML 12Page - Siemens Semiconductor Group HYB3165160AT-50 Datasheet HTML 13Page - Siemens Semiconductor Group HYB3165160AT-50 Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Semiconductor Group
10
HYB3164(5/6)160AT(L)-40/-50/-60
4M x 16-DRAM
AC Characteristics (note: 6,7,8)
AC64-2F
T
A = 0 to 70 °C,VCC = 3.3 ± 0.3V
Parameter
Symbol
-40
-50
-60
Unit Note
min.
max. min.
max. min.
max.
Common Parameters
Random read or write cycle time
tRC
75
90
110
ns
RAS pulse width
tRAS
40
100k
50
100k
60
100k
ns
CAS pulse width
tCAS
10
100k
13
100k
15
100k
ns
RAS precharge time
tRP
25
30
40
ns
CAS precharge time
tCP
10
10
10
ns
Row address setup time
tASR
0–
0–
0–ns
Row address hold time
tRAH
5–
7–
10
–ns
Column address setup time
t
ASC
0–
0–
0–ns
Column address hold time
t
CAH
5–
7–
10
–ns
RAS to CAS delay time
t
RCD
15
30
17
37
20
45
ns
RAS to column address delay
t
RAD
10
20
12
25
15
30
ns
RAS hold time
t
RSH
10
13
15
ns
CAS hold time
t
CSH
40
50
60
ns
CAS to RAS precharge time
t
CRP
5–
5–
5–ns
Transition time (rise and fall)
t
T
130
1
30
130
ns
7
Refresh period for 8k-refresh
tREF
128
128
128
ms
Refresh period for 4k-refresh
tREF
–64
64
–64
ms
Refresh period for 2k-refresh
tREF
–32
32
–64
ms
Refresh period for L-versions
tREF
256
256
256
ms
Read Cycle
Access time from RAS
tRAC
–40
50
–60
ns
8, 9
Access time from CAS
tCAC
–10
13
–15
ns
8, 9
Access time from column address
tAA
–20
25
–30
ns
8, 10
OE access time
tOEA
–10
13
–15
ns
8
Column address to RAS lead time
t
RAL
20
25
30
ns
Read command setup time
t
RCS
0–
0–
0–ns
Read command hold time
t
RCH
0–
0–
0–ns
11
Read command hold time
referenced to RAS
t
RRH
0–
0–
0–ns
11


Similar Part No. - HYB3165160AT-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3165160T-50 SIEMENS-HYB3165160T-50 Datasheet
367Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3165160T-60 SIEMENS-HYB3165160T-60 Datasheet
367Kb / 26P
   4M x 16-Bit Dynamic RAM
More results

Similar Description - HYB3165160AT-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164165BT SIEMENS-HYB3164165BT Datasheet
304Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3164160T SIEMENS-HYB3164160T Datasheet
367Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165T SIEMENS-HYB3164165T Datasheet
391Kb / 30P
   4M x 16-Bit Dynamic RAM
HYB3164165AT SIEMENS-HYB3164165AT Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB514100BJ-50- SIEMENS-HYB514100BJ-50- Datasheet
108Kb / 21P
   4M x 1-Bit Dynamic RAM
logo
List of Unclassifed Man...
GLT5640AL16 ETC-GLT5640AL16 Datasheet
2Mb / 72P
   4M X 16 CMOS Synchronous Dynamic RAM
logo
Siemens Semiconductor G...
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com