Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3164405AJ Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # HYB3164405AJ
Description  16M x 4-Bit Dynamic RAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3164405AJ Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button HYB3164405AJ Datasheet HTML 7Page - Siemens Semiconductor Group HYB3164405AJ Datasheet HTML 8Page - Siemens Semiconductor Group HYB3164405AJ Datasheet HTML 9Page - Siemens Semiconductor Group HYB3164405AJ Datasheet HTML 10Page - Siemens Semiconductor Group HYB3164405AJ Datasheet HTML 11Page - Siemens Semiconductor Group HYB3164405AJ Datasheet HTML 12Page - Siemens Semiconductor Group HYB3164405AJ Datasheet HTML 13Page - Siemens Semiconductor Group HYB3164405AJ Datasheet HTML 14Page - Siemens Semiconductor Group HYB3164405AJ Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Semiconductor Group
11
HYB3164(5)405AJ/AT(L)-40/-50/-60
16M x 4-DRAM
RAS pulse width in hyper page mode tRAS
40
200k
50
200k
60
200k
ns
CAS precharge to RAS Delay
tRHPC
22
27
32
ns
OE pulse width
tOEP
5–5
–5–
ns
OE hold time from CAS high
tOEHC
5–5
–5–
ns
Output buffer turn-off delay from WE tWEZ
010
0
13
015
ns
OE setup time prior to CAS
tOES
5–5
–5–
ns
Hyper Page Mode (EDO) Read-
modify-Write Cycle
Hyper page mode (EDO) read-write
cycle time
tPRWC
44
54
63
ns
CAS precharge to WE
tCPWD
34
42
49
ns
CAS before RAS Refresh Cycle
CAS setup time
tCSR
5–5
–5–
ns
CAS hold time
tCHR
5–5
–10
ns
RAS to CAS precharge time
tRPC
5–5
–5–
ns
Write to RAS precharge time
tWRP
5–5
–10
ns
Write hold time referenced to RAS
t
WRH
5–5
–10
ns
Self Refresh Cycle (L-versions only)
RAS pulse width
t
RASS
100k
100k
_
100
k_
ns
17
RAS precharge time
t
RPS
69
84
104
ns
17
CAS hold time
t
CHS
-50
-50
-50
ns
17
Test Mode Cycle
Write command setup time
tWTS
5–5
–5–
ns
18
Write command hold time
tWTH
5–5
–5–
ns
18
AC Characteristics (cont’d) 5)6)
AC64-2E
T
A = 0 to 70 °C,VCC = 3.3 V ± 0.3V , tT = 2 ns
Parameter
Symbol
Limit Values
Unit
Note
- 40
- 50
- 60
min.
max.
min.
max.
min.
max.


Similar Part No. - HYB3164405AJ

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164405BJ SIEMENS-HYB3164405BJ Datasheet
303Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405BJ-40 SIEMENS-HYB3164405BJ-40 Datasheet
303Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405BJ-50 SIEMENS-HYB3164405BJ-50 Datasheet
303Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405BJ-60 SIEMENS-HYB3164405BJ-60 Datasheet
303Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405BT-40 SIEMENS-HYB3164405BT-40 Datasheet
303Kb / 29P
   16M x 4-Bit Dynamic RAM
More results

Similar Description - HYB3164405AJ

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164400AJ SIEMENS-HYB3164400AJ Datasheet
246Kb / 26P
   16M x 4-Bit Dynamic RAM
HYB3164405BJ SIEMENS-HYB3164405BJ Datasheet
303Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405J SIEMENS-HYB3164405J Datasheet
473Kb / 32P
   16M x 4-Bit Dynamic RAM
HYB3164400J SIEMENS-HYB3164400J Datasheet
448Kb / 28P
   16M x 4-Bit Dynamic RAM
HYM72V1600GS-50- SIEMENS-HYM72V1600GS-50- Datasheet
77Kb / 22P
   16M x 72-Bit Dynamic RAM Module
HYM72V1620GS-50- SIEMENS-HYM72V1620GS-50- Datasheet
69Kb / 11P
   16M x 72-Bit Dynamic RAM Module
logo
Panasonic Semiconductor
MN4SV17160BT-80 PANASONIC-MN4SV17160BT-80 Datasheet
2Mb / 54P
   16M BIT SYNCHRONOUS DYNAMIC RAM
logo
Fujitsu Component Limit...
MB8516SR72CA-102 FUJITSU-MB8516SR72CA-102 Datasheet
1Mb / 20P
   16M X 72 BIT SYNCHRONOUS DYNAMIC RAM DIMM
logo
Siemens Semiconductor G...
HYB514400BJ SIEMENS-HYB514400BJ Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com