Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2811-4-V Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PS2811-4-V
Description  LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2811-4-V Datasheet(HTML) 4 Page - Renesas Technology Corp

  PS2811-4-V Datasheet HTML 1Page - Renesas Technology Corp PS2811-4-V Datasheet HTML 2Page - Renesas Technology Corp PS2811-4-V Datasheet HTML 3Page - Renesas Technology Corp PS2811-4-V Datasheet HTML 4Page - Renesas Technology Corp PS2811-4-V Datasheet HTML 5Page - Renesas Technology Corp PS2811-4-V Datasheet HTML 6Page - Renesas Technology Corp PS2811-4-V Datasheet HTML 7Page - Renesas Technology Corp PS2811-4-V Datasheet HTML 8Page - Renesas Technology Corp PS2811-4-V Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Data Sheet PN10255EJ04V0DS
2
PS2811-1,PS2811-4
PACKAGE DIMENSIONS (UNIT: mm)
M
0.12
0.4±0.1
1.27
PS2811-1
PS2811-4
4.4
7.0±0.3
0.5±0.3
2.7±0.3
10.3±0.3
4.4
7.0±0.3
0.5±0.3
1.27
M
0.12
0.40
+0.10
–0.05
1
2
4
3
1
8
16
9
PHOTOCOUPLER CONSTRUCTION
Parameter
Unit (MIN.)
Air Distance
4.5 mm
Outer Creepage Distance
4.5 mm
Inner Creepage Distance
2.5 mm
Isolation Thickness
0.1 mm
MARKING EXAMPLE
11
031
Assembly Lot
0 31
Week Assembled
Year Assembled
(Last 1 Digit)
Last number of type No. : 11
PS2811-1
Country Assembled
Assembly Lot
No. 1 pin
Mark
PS2811-4
PS2811-4
NL031
*1
Type Number
*1
: Pb-Free
0 31
Year Assembled
(Last 1 Digit)
L
N
Rank Code
In-house Code
(L: Pb-Free)
Week Assembled
<R>
<R>


Similar Part No. - PS2811-4-V

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2811-4-V CEL-PS2811-4-V Datasheet
429Kb / 12P
   LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
PS2811-4-V-A CEL-PS2811-4-V-A Datasheet
429Kb / 12P
   LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
PS2811-4-V-F3 CEL-PS2811-4-V-F3 Datasheet
429Kb / 12P
   LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2811-4-V-F3 RENESAS-PS2811-4-V-F3 Datasheet
282Kb / 16P
   LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2811-4-V-F3-A CEL-PS2811-4-V-F3-A Datasheet
429Kb / 12P
   LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
More results

Similar Description - PS2811-4-V

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2811-1 CEL-PS2811-1 Datasheet
429Kb / 12P
   LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2811-1 RENESAS-PS2811-1_15 Datasheet
282Kb / 16P
   LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2815-1 CEL-PS2815-1 Datasheet
413Kb / 12P
   LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2815-1 RENESAS-PS2815-1_15 Datasheet
254Kb / 16P
   LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
PS2815-1 RENESAS-PS2815-1 Datasheet
269Kb / 16P
   LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS28010W COSMO-KPS28010W Datasheet
169Kb / 6P
   4 Pin SSOP Low Input Current Photocoupler
KPS28010T COSMO-KPS28010T Datasheet
169Kb / 6P
   4 Pin SSOP Low Input Current Photocoupler
KPS28010Z COSMO-KPS28010Z Datasheet
169Kb / 6P
   4 Pin SSOP Low Input Current Photocoupler
logo
NEC
PS2815-1 NEC-PS2815-1 Datasheet
106Kb / 12P
   HIGH CTR, AC INPUT 4, 16-PIN SOP PHOTOCOUPLER
PS2811-1 NEC-PS2811-1 Datasheet
108Kb / 12P
   HIGH CTR 4, 16-PIN SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com