Electronic Components Datasheet Search |
|
PS2381-1-V-F3 Datasheet(PDF) 11 Page - Renesas Technology Corp |
|
PS2381-1-V-F3 Datasheet(HTML) 11 Page - Renesas Technology Corp |
11 / 15 page Data Sheet PN10801EJ01V0DS 11 PS2381-1 SPECIFICATION OF VDE MARKS LICENSE DOCUMENT Parameter Symbol Spec. Unit Climatic test class (IEC 60068-1/DIN EN 60068-1) 40/115/21 Dielectric strength maximum operating isolation voltage Test voltage (partial discharge test, procedure a for type test and random test) Upr = 1.5 × UIORM, Pd < 5 pC UIORM Upr 1 130 1 695 Vpeak Vpeak Test voltage (partial discharge test, procedure b for all devices) Upr = 1.875 × UIORM, Pd < 5 pC Upr 2 119 Vpeak Highest permissible overvoltage UTR 8 000 Vpeak Degree of pollution (DIN EN 60664-1 VDE0110 Part 1) 2 Comparative tracking index (IEC 60112/DIN EN 60112 (VDE 0303 Part 11)) CTI 175 Material group (DIN EN 60664-1 VDE0110 Part 1) III a Storage temperature range Tstg –40 to +125 °C Operating temperature range TA –40 to +115 °C Isolation resistance, minimum value VIO = 500 V dc at TA = 25 °C VIO = 500 V dc at TA MAX. at least 100 °C Ris MIN. Ris MIN. 10 12 10 11 Ω Ω Safety maximum ratings (maximum permissible in case of fault, see thermal derating curve) Package temperature Current (input current IF, Psi = 0) Power (output or total power dissipation) Isolation resistance VIO = 500 V dc at TA = Tsi Tsi Isi Psi Ris MIN. 175 400 700 10 9 °C mA mW Ω |
Similar Part No. - PS2381-1-V-F3 |
|
Similar Description - PS2381-1-V-F3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |