Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3164160ATL-50 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # HYB3164160ATL-50
Description  4M x 16-Bit Dynamic RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3164160ATL-50 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  HYB3164160ATL-50 Datasheet HTML 1Page - Siemens Semiconductor Group HYB3164160ATL-50 Datasheet HTML 2Page - Siemens Semiconductor Group HYB3164160ATL-50 Datasheet HTML 3Page - Siemens Semiconductor Group HYB3164160ATL-50 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3164160ATL-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3164160ATL-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3164160ATL-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3164160ATL-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3164160ATL-50 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Semiconductor Group
3
HYB3164(5/6)160AT(L)-40/-50/-60
4M x 16-DRAM
Pin Names
A0-A12
Address Inputs for 8k-refresh version HYB 3164160AT(L)
A0-A11
Address Inputs for 4k-refresh version HYB 3165160AT(L)
A0-A10
Address Inputs for 2k-refresh version HYB 3166160AT(L)
RAS
Row Address Strobe
OE
Output Enable
I/O1-I/O16
Data Input/Output
UCAS,LCAS
Column Address Strobe
WE
Read/Write Input
Vcc
Power Supply ( + 3.3V)
Vss
Ground
* Pin 33 is A12 for HYB 3164160AT(L) and N.C. for HYB 3165(6)160AT(L)
P-TSOPII-50 (400 mil)
** Pin 32 is A11 for HYB 3164(5)160AT(L) and N.C. for HYB 3166160AT(L)
O
VCC
I/O1
I/O2
I/O3
I/O4
VCC
I/O5
I/O6
I/O7
I/O8
N.C.
VCC
WE
RAS
N.C.
N.C.
N.C.
N.C.
A0
A1
A2
A3
A4
A5
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
VSS
I/O16
I/O15
I/O14
I/O13
VSS
I/O12
I/O11
I/O10
I/O9
N.C.
LCAS
UCAS
OE
N.C.
N.C.
A12/N.C. *
A11/N.C.**
A10
A9
A8
A7
A6
VSS
.
VSS
.
27
26
Pin Configuration


Similar Part No. - HYB3164160ATL-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164160T SIEMENS-HYB3164160T Datasheet
367Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164160T-50 SIEMENS-HYB3164160T-50 Datasheet
367Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164160T-60 SIEMENS-HYB3164160T-60 Datasheet
367Kb / 26P
   4M x 16-Bit Dynamic RAM
More results

Similar Description - HYB3164160ATL-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164165BT SIEMENS-HYB3164165BT Datasheet
304Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3164160T SIEMENS-HYB3164160T Datasheet
367Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165T SIEMENS-HYB3164165T Datasheet
391Kb / 30P
   4M x 16-Bit Dynamic RAM
HYB3164165AT SIEMENS-HYB3164165AT Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB514100BJ-50- SIEMENS-HYB514100BJ-50- Datasheet
108Kb / 21P
   4M x 1-Bit Dynamic RAM
logo
List of Unclassifed Man...
GLT5640AL16 ETC-GLT5640AL16 Datasheet
2Mb / 72P
   4M X 16 CMOS Synchronous Dynamic RAM
logo
Siemens Semiconductor G...
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com