Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB314175BJL-60 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # HYB314175BJL-60
Description  3.3V 256 K x 16-Bit EDO-DRAM 3.3V 256 K x 16-Bit EDO-DRAM Low power version with Self Refresh
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB314175BJL-60 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button HYB314175BJL-60 Datasheet HTML 2Page - Siemens Semiconductor Group HYB314175BJL-60 Datasheet HTML 3Page - Siemens Semiconductor Group HYB314175BJL-60 Datasheet HTML 4Page - Siemens Semiconductor Group HYB314175BJL-60 Datasheet HTML 5Page - Siemens Semiconductor Group HYB314175BJL-60 Datasheet HTML 6Page - Siemens Semiconductor Group HYB314175BJL-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYB314175BJL-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYB314175BJL-60 Datasheet HTML 9Page - Siemens Semiconductor Group HYB314175BJL-60 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
HYB 314175BJ/BJL-50/-55/-60
3.3V 256K x 16 EDO-DRAM
Semiconductor Group
6
DC Characteristics (cont’d)
Capacitance
T
A = 0 to 70 °C; VCC = 3.3 V ± 0.3 V, f = 1 MHz
Parameter
Symbol
Limit Values
Unit Test
Condition
min.
max.
Average
V
CC supply current during
hyper page mode (EDO) operation:
-50 version
-55 version
-60 version
I
CC4
115
115
100
mA
2, 3, 4
Standby
V
CC supply current
(RAS = LCAS = UCAS = WE =
V
CC – 0.2 V)
I
CC5
–1mA
1
Average
V
CC supply current during
CAS-before-RAS refresh mode:
-50 version
-55 version
-60 version
I
CC6
125
120
105
mA
2, 4
Standby
V
CC current (L-version)
(RAS = LCAS = UCAS = WE =
V
CC – 0.2 V)
I
CC5
200
µA
Self Refresh Current (L-version)
(RAS, LCAS, UCAS = 0.2V
A0–A8=
V
CC – 0.2 V or 0.2 V)
I
CCS
250
µA
Parameter
Symbol
Limit Values
Unit
min.
max.
Input capacitance (A0 to A8)
C
I1
–5pF
Input capacitance (RAS, UCAS, LCAS, WE, OE)
C
I2
–7pF
Output capacitance (l/O1 to l/O16)
C
IO
–7pF


Similar Part No. - HYB314175BJL-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB314171BJ-50 SIEMENS-HYB314171BJ-50 Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit Dynamic RAM 3.3V Low Power 256 K x 16-Bit Dynamic RAM with Self Refresh
HYB314171BJ-50- SIEMENS-HYB314171BJ-50- Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit Dynamic RAM 3.3V Low Power 256 K x 16-Bit Dynamic RAM with Self Refresh
HYB314171BJ-60 SIEMENS-HYB314171BJ-60 Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit Dynamic RAM 3.3V Low Power 256 K x 16-Bit Dynamic RAM with Self Refresh
HYB314171BJ-70 SIEMENS-HYB314171BJ-70 Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit Dynamic RAM 3.3V Low Power 256 K x 16-Bit Dynamic RAM with Self Refresh
HYB314171BJL-50 SIEMENS-HYB314171BJL-50 Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit Dynamic RAM 3.3V Low Power 256 K x 16-Bit Dynamic RAM with Self Refresh
More results

Similar Description - HYB314175BJL-60

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M11L416256SA ESMT-M11L416256SA Datasheet
389Kb / 16P
   256 K x 16 DRAM EDO PAGE MODE
M11B416256A ESMT-M11B416256A Datasheet
375Kb / 15P
   256 K x 16 DRAM EDO PAGE MODE
logo
Siemens Semiconductor G...
HYB314171BJ-50- SIEMENS-HYB314171BJ-50- Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit Dynamic RAM 3.3V Low Power 256 K x 16-Bit Dynamic RAM with Self Refresh
logo
Elpida Memory
HM51W16165 ELPIDA-HM51W16165 Datasheet
618Kb / 35P
   16 M EDO DRAM (1-Mword x 16-bit) 4 k Refresh/1 k Refresh
HM5118165 ELPIDA-HM5118165 Datasheet
597Kb / 32P
   16 M EDO DRAM (1-Mword x 16-bit) 1 k Refresh
logo
Hitachi Semiconductor
HM5118165 HITACHI-HM5118165 Datasheet
336Kb / 33P
   16M EDO DRAM (1-Mword x 16-bit) 1 k Refresh
logo
Elpida Memory
HM51W17805 ELPIDA-HM51W17805 Datasheet
560Kb / 32P
   16 M EDO DRAM (2-Mword x 8-bit) 2 k Refresh
HM5117805 ELPIDA-HM5117805 Datasheet
549Kb / 32P
   16 M EDO DRAM (2-Mword X 8-bit) 2 k Refresh
logo
Hitachi Semiconductor
HM51W16165 HITACHI-HM51W16165 Datasheet
461Kb / 36P
   16 M EDO DRAM (1-Mword 16-bit) 4 k Refresh/1 k Refresh
logo
Siemens Semiconductor G...
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com