Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3116400BT-70 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # HYB3116400BT-70
Description  3.3V 4M x 4-Bit Dynamic RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3116400BT-70 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button HYB3116400BT-70 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3116400BT-70 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3116400BT-70 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3116400BT-70 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3116400BT-70 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3116400BT-70 Datasheet HTML 10Page - Siemens Semiconductor Group HYB3116400BT-70 Datasheet HTML 11Page - Siemens Semiconductor Group HYB3116400BT-70 Datasheet HTML 12Page - Siemens Semiconductor Group HYB3116400BT-70 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Semiconductor Group
9
HYB 3116(7)400BJ/BT(L) -50/-60/-70
3.3V 4Mx4-DRAM
CAS to output in low-Z
tCLZ
0
0–
0–
ns
8
Output buffer turn-off delay
tOFF
0
13
0
15
0
20
ns
12
Output buffer turn-off delay from
OE
tOEZ
0
13
0
15
0
20
ns
12
Data to OE low delay
tDZO
0
0–
0–
ns
13
CAS high to data delay
tCDD
13
15
20
ns
14
OE high to data delay
tODD
13
15
20
ns
14
Write Cycle
Write command hold time
tWCH
8
10
10
ns
Write command pulse width
tWP
8
10
10
ns
Write command setup time
tWCS
0
0–
0–
ns
15
Write command to RAS lead time tRWL
13
15
20
ns
Write command to CAS lead time t
CWL
13
15
20
ns
Data setup time
t
DS
0
0–
0–
ns
16
Data hold time
t
DH
10
10
15
ns
16
Data to CAS low delay
t
DZC
0
0–
0–
ns
13
Read-Modify-Write Cycle
Read-write cycle time
t
RWC
126
150
180
ns
RAS to WE delay time
tRWD
68
80
95
ns
15
CAS to WE delay time
tCWD
31
35
45
ns
15
Column address to WE delay time tAWD
43
50
60
ns
15
OE command hold time
tOEH
13
15
20
ns
Fast Page Mode Cycle
Fast page mode cycle time
tPC
35
40
45
ns
CAS precharge time
tCP
10
10
10
ns
Access time from CAS precharge
tCPA
–30
35
40
ns
7
RAS pulse width
tRAS
50
200k
60
200k
70
200k
ns
AC Characteristics (cont’d) 5)6)
16F
T
A = 0 to 70 °C,VCC = 3.3 V ± 0.3 V, tT = 5 ns
Parameter
Symbol
Limit Values
Unit
Note
-50
-60
-70
min.
max. min.
max. min.
max.


Similar Part No. - HYB3116400BT-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3116400BT-50 SIEMENS-HYB3116400BT-50 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB3116400BT-60 SIEMENS-HYB3116400BT-60 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
More results

Similar Description - HYB3116400BT-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3116405BJBTL-50- SIEMENS-HYB3116405BJBTL-50- Datasheet
285Kb / 26P
   3.3V 4M x 4-Bit EDO-Dynamic RAM
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
HYB3164165BT SIEMENS-HYB3164165BT Datasheet
304Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3164160T SIEMENS-HYB3164160T Datasheet
367Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165T SIEMENS-HYB3164165T Datasheet
391Kb / 30P
   4M x 16-Bit Dynamic RAM
HYB514100BJ-50- SIEMENS-HYB514100BJ-50- Datasheet
108Kb / 21P
   4M x 1-Bit Dynamic RAM
HYB3164160AT SIEMENS-HYB3164160AT Datasheet
216Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165AT SIEMENS-HYB3164165AT Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com