Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX7335BN-AA Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # NX7335BN-AA
Description  LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MONITOR PD FOR OTDR APPLICATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NX7335BN-AA Datasheet(HTML) 2 Page - Renesas Technology Corp

  NX7335BN-AA Datasheet HTML 1Page - Renesas Technology Corp NX7335BN-AA Datasheet HTML 2Page - Renesas Technology Corp NX7335BN-AA Datasheet HTML 3Page - Renesas Technology Corp NX7335BN-AA Datasheet HTML 4Page - Renesas Technology Corp NX7335BN-AA Datasheet HTML 5Page - Renesas Technology Corp NX7335BN-AA Datasheet HTML 6Page - Renesas Technology Corp NX7335BN-AA Datasheet HTML 7Page - Renesas Technology Corp NX7335BN-AA Datasheet HTML 8Page - Renesas Technology Corp NX7335BN-AA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NX7335 Series
Chapter Title
R08DS0023EJ0200 Rev.2.00
Page 2 of 9
Sep 19, 2010
PACKAGE DIMENSIONS (UNIT: mm)
PIN CONNECTIONS
CASE
1
4
LD
2
3
PD
NX7335AN-AA
BOTTOM VIEW
1
2
3
4
Optical Fiber
SMF
Length: 1 m MIN.
φ 0.45
5.95
φ
P.C.D. = 2


Similar Part No. - NX7335BN-AA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX7335BN-AA CEL-NX7335BN-AA Datasheet
258Kb / 9P
   1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MMF FOR OTDR APPLICATION
More results

Similar Description - NX7335BN-AA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX7335 RENESAS-NX7335_15 Datasheet
180Kb / 11P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MONITOR PD FOR OTDR APPLICATION
NX7338BF-AA RENESAS-NX7338BF-AA_15 Datasheet
164Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7339BB-AA RENESAS-NX7339BB-AA Datasheet
747Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Jul 12, 2012
NX7337BF-AA RENESAS-NX7337BF-AA Datasheet
173Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7338BF-AA RENESAS-NX7338BF-AA Datasheet
738Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Jul 12, 2012
NX7337BF-AA RENESAS-NX7337BF-AA_15 Datasheet
165Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7339BB-AA RENESAS-NX7339BB-AA_15 Datasheet
173Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7535 RENESAS-NX7535_15 Datasheet
180Kb / 11P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MONITOR PD FOR OTDR APPLICATION
NX7535 RENESAS-NX7535 Datasheet
187Kb / 11P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MONITOR PD FOR OTDR APPLICATION
logo
California Eastern Labs
NX7337BF-AA CEL-NX7337BF-AA Datasheet
860Kb / 5P
   1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com