Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX6309GH Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # NX6309GH
Description  1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NX6309GH Datasheet(HTML) 3 Page - Renesas Technology Corp

  NX6309GH Datasheet HTML 1Page - Renesas Technology Corp NX6309GH Datasheet HTML 2Page - Renesas Technology Corp NX6309GH Datasheet HTML 3Page - Renesas Technology Corp NX6309GH Datasheet HTML 4Page - Renesas Technology Corp NX6309GH Datasheet HTML 5Page - Renesas Technology Corp NX6309GH Datasheet HTML 6Page - Renesas Technology Corp NX6309GH Datasheet HTML 7Page - Renesas Technology Corp NX6309GH Datasheet HTML 8Page - Renesas Technology Corp NX6309GH Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2007, 2010
DESCRIPTION
The NX6309GH is a 1 310 nm Multiple Quantum Well (MQW) structured
Distributed Feed-Back (DFB) laser diode with InGaAs monitor PIN-PD.
APPLICATION
• 1.25 Gb/s FTTH PON (Fiber To The Home Passive Optical Network)
FEATURES
• Optical output power
Po = 10.0 mW
• Low threshold current
lth = 10 mA
• Differential efficiency
ηd = 0.40 W/A
• Wide operating temperature range
TC =
−40 to +85°C
• InGaAs monitor PIN-PD
• CAN package
φ 5.6 mm
• Focal point
10 mm
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
LASER DIODE
NX6309GH
1 310 nm InGaAsP MQW-DFB LASER DIODE
FOR 1.25 Gb/s FTTH PON APPLICATION
Document No. PL10693EJ03V0DS (3rd edition)
Date Published March 2010 NS
Printed in Japan


Similar Part No. - NX6309GH

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX6309GH CEL-NX6309GH Datasheet
191Kb / 7P
   1 310 nm Multiple Quantum Well (MQW) structured Distributed Feed-Back (DFB) laser diode with InGaAs monitor PIN-PD.
NX6309GH-AZ CEL-NX6309GH-AZ Datasheet
191Kb / 7P
   1 310 nm Multiple Quantum Well (MQW) structured Distributed Feed-Back (DFB) laser diode with InGaAs monitor PIN-PD.
logo
Renesas Technology Corp
NX6309GH RENESAS-NX6309GH_15 Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
More results

Similar Description - NX6309GH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX6308GH RENESAS-NX6308GH_15 Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
PL10692EJ03V0DS RENESAS-PL10692EJ03V0DS Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
NX6309GH RENESAS-NX6309GH_15 Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
NX6308GH RENESAS-NX6308GH Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
NX6410GH RENESAS-NX6410GH Datasheet
178Kb / 8P
   LASER DIODE 1 490 nm InGaAsP MQW-DFB LASER DIODE FOR 2.5 Gb/s FTTH PON APPLICATION
NX6411GH RENESAS-NX6411GH_15 Datasheet
170Kb / 8P
   LASER DIODE 1 490 nm InGaAsP MQW-DFB LASER DIODE FOR 2.5 Gb/s FTTH PON APPLICATION
NX6411GH RENESAS-NX6411GH Datasheet
177Kb / 8P
   LASER DIODE 1 490 nm InGaAsP MQW-DFB LASER DIODE FOR 2.5 Gb/s FTTH PON APPLICATION
NX6410GH RENESAS-NX6410GH_15 Datasheet
170Kb / 8P
   LASER DIODE 1 490 nm InGaAsP MQW-DFB LASER DIODE FOR 2.5 Gb/s FTTH PON APPLICATION
logo
California Eastern Labs
NX5315EH CEL-NX5315EH_06 Datasheet
283Kb / 7P
   1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
NX5323EH CEL-NX5323EH Datasheet
173Kb / 7P
   1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com