Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67100-Q2035 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # Q67100-Q2035
Description  4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q2035 Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button Q67100-Q2035 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q2035 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q2035 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q2035 Datasheet HTML 9Page - Siemens Semiconductor Group Q67100-Q2035 Datasheet HTML 10Page - Siemens Semiconductor Group Q67100-Q2035 Datasheet HTML 11Page - Siemens Semiconductor Group Q67100-Q2035 Datasheet HTML 12Page - Siemens Semiconductor Group Q67100-Q2035 Datasheet HTML 13Page - Siemens Semiconductor Group Q67100-Q2035 Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Semiconductor Group
10
HYB 314100BJ/BJL-50/-60/-70
3.3V 4M x 1 DRAM
Notes:
1) All voltages are referenced to
VSS.
2)
ICC1, ICC3, ICC4 and ICC6 depend on cycle rate.
3)
ICC1 and ICC4 depend on output loading. Specified values are measured with the output open.
4) Address can be changed once or less while RAS =
VIL. In the case of ICC4 it can be changed once or less during
a fast page mode cycle (
tPC).
5) An initial pause of 200
µs is required after power-up followed by 8 RAS cycles of which at least one cycle has
to be a refresh cycle, before proper device operation is achieved. In case of using internal refresh counter, a
minimum of 8 CAS-before-RAS initialization cycles instead of 8 RAS cycles are required.
6) AC measurements assume
tT = 5 ns.
7)
VIH (min.) and VIL (max.) are reference levels for measuring timing of input signals. Transition times are also
measured between
VIH and VIL.
8) Measured with the specified current load and 100 pF at
VOL = 0.8 and VOH = 2.0 V.
9) Operation within the
tRCD (max.) limit ensures that tRAC (max.) can be met. tRCD (max.) is specified as a reference point
only: If
tRCD is greater than the specified tRCD (max.) limit, then access time is controlled by tCAC.
10)Operation within the
tRAD (max.) limit ensures that tRAC (max.) can be met. tRAD (max.) is specified as a reference point
only: If
tRAD is greater than the specified tRAD (max.) limit, then access time is controlled by tAA.
11)Either
tRCH or tRRH must be satisfied for a read cycle.
12)
tOFF (max.) defines the time at which the outputs achieve the open-circuit condition and are not referenced to
output voltage levels.
13)
tWCS, tRWD, tCWD, tAWD and tCPWD are not restrictive operating parameters. They are included in the data sheet as
electrical characteristics only. If
tWCS > tWCS (min.), the cycle is an early write cycle and the data out pin will remain
open-circuit (high impedance) through the entire cycle; if
tRWD > tRWD (min.), tCWD > tCWD (min.), tAWD > tAWD (min.) and
tCPWD > tCPWD (min.), the cycle is a read-write cycle and DO will contain data read from the selected cells. If neither
of the above sets of conditions is satisfied, the condition of the DO pin (at access time) is indeterminate.
14)These parameters are referenced to the CAS leading edge in early write cycles and to the WE leading edge
in read-write cycles.


Similar Part No. - Q67100-Q2035

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-Q2001 SIEMENS-Q67100-Q2001 Datasheet
53Kb / 10P
   8M x 32-Bit Dynamic RAM Module
Q67100-Q2002 SIEMENS-Q67100-Q2002 Datasheet
82Kb / 11P
   1M x 64-Bit Dynamic RAM Module
Q67100-Q2003 SIEMENS-Q67100-Q2003 Datasheet
82Kb / 11P
   1M x 64-Bit Dynamic RAM Module
Q67100-Q2004 SIEMENS-Q67100-Q2004 Datasheet
83Kb / 11P
   1M x 72-Bit Dynamic RAM Module
Q67100-Q2005 SIEMENS-Q67100-Q2005 Datasheet
59Kb / 10P
   4M x 32-Bit Dynamic RAM Module
More results

Similar Description - Q67100-Q2035

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB514100BJ-50- SIEMENS-HYB514100BJ-50- Datasheet
108Kb / 21P
   4M x 1-Bit Dynamic RAM
HYB3164165BT SIEMENS-HYB3164165BT Datasheet
304Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB3164160T SIEMENS-HYB3164160T Datasheet
367Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165T SIEMENS-HYB3164165T Datasheet
391Kb / 30P
   4M x 16-Bit Dynamic RAM
HYB3164160AT SIEMENS-HYB3164160AT Datasheet
216Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165AT SIEMENS-HYB3164165AT Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
HYM72V4000GS-50- SIEMENS-HYM72V4000GS-50- Datasheet
68Kb / 11P
   4M x 72-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com