Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67100-Q2035 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # Q67100-Q2035
Description  4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q2035 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  Q67100-Q2035 Datasheet HTML 1Page - Siemens Semiconductor Group Q67100-Q2035 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-Q2035 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-Q2035 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-Q2035 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q2035 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q2035 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q2035 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q2035 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Semiconductor Group
5
HYB 314100BJ/BJL-50/-60/-70
3.3V 4M x 1 DRAM
Absolute Maximum Ratings
Operating temperature range ............................................................................................0 to 70 ˚C
Storage temperature range......................................................................................– 55 to + 150 ˚C
Input/output voltage ........................................................................... – 1 to + min (
V
CC + 0.5, 4.6) V
Power Supply voltage .................................................................................................. – 1 to + 4.6 V
Data out current (short circuit) ................................................................................................ 50 mA
Note:
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent
damage of the device. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
DC Characteristics
T
A = 0 to 70 ˚C, VSS = 0 V, VCC = 3.3 V ± 0.3 V , tT = 5 ns
Parameter
Symbol
Limit Values
Unit Test
Condition
min.
max.
Input high voltage
V
IH
2.0
V
CC + 0.5
V
1)
Input low voltage
V
IL
– 1.0
0.8
V
1)
TTL Output high voltage (
I
OUT = – 2 mA)
V
OH
2.4
V
1)
TTL Output low voltage (
I
OUT = 2 mA)
V
OL
0.4
V
1)
CMOS Output high voltage (
I
OUT = – 100 µA)
V
OH
V
CC – 0.2
V
CMOS Output low voltage (
I
OUT = 100 µA)
V
OL
0.2
V
Input leakage current, any input
(0 V <
V
in < VCC + 0.3 V, all other input = 0 V)
I
I(L)
– 10
10
µA
1)
Output leakage current
(DO is disabled, 0 V <
V
OUT < VCC)
I
O(L)
– 10
10
µA
1)
Average
V
CC supply current
-50 version
-60 version
-70 version
I
CC1
_
70
60
55
mA
2) 3)4)
Standby
V
CC supply current
(RAS = CAS = WE =
V
IH)
I
CC2
–2mA
Average
V
CC supply current during RAS-only
refresh cycles
-50 version
-60 version
-70 version
I
CC3
_
70
60
55
mA
2)4)
Average
V
CC supply current during fast page
mode operation
-50 version
-60 version
-70 version
I
CC4
50
45
40
mA
2) 3)4)
Standby
V
CC supply current
(RAS = CAS = WE =
V
CC – 0.2 V)
I
CC5
–1
200
mA
µA
1)
L-version


Similar Part No. - Q67100-Q2035

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-Q2001 SIEMENS-Q67100-Q2001 Datasheet
53Kb / 10P
   8M x 32-Bit Dynamic RAM Module
Q67100-Q2002 SIEMENS-Q67100-Q2002 Datasheet
82Kb / 11P
   1M x 64-Bit Dynamic RAM Module
Q67100-Q2003 SIEMENS-Q67100-Q2003 Datasheet
82Kb / 11P
   1M x 64-Bit Dynamic RAM Module
Q67100-Q2004 SIEMENS-Q67100-Q2004 Datasheet
83Kb / 11P
   1M x 72-Bit Dynamic RAM Module
Q67100-Q2005 SIEMENS-Q67100-Q2005 Datasheet
59Kb / 10P
   4M x 32-Bit Dynamic RAM Module
More results

Similar Description - Q67100-Q2035

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB514100BJ-50- SIEMENS-HYB514100BJ-50- Datasheet
108Kb / 21P
   4M x 1-Bit Dynamic RAM
HYB3164165BT SIEMENS-HYB3164165BT Datasheet
304Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB3164160T SIEMENS-HYB3164160T Datasheet
367Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165T SIEMENS-HYB3164165T Datasheet
391Kb / 30P
   4M x 16-Bit Dynamic RAM
HYB3164160AT SIEMENS-HYB3164160AT Datasheet
216Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165AT SIEMENS-HYB3164165AT Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
HYM72V4000GS-50- SIEMENS-HYM72V4000GS-50- Datasheet
68Kb / 11P
   4M x 72-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com