Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3116405BJ-70 Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # HYB3116405BJ-70
Description  3.3V 4M x 4-Bit EDO-Dynamic RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3116405BJ-70 Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button HYB3116405BJ-70 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3116405BJ-70 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3116405BJ-70 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3116405BJ-70 Datasheet HTML 10Page - Siemens Semiconductor Group HYB3116405BJ-70 Datasheet HTML 11Page - Siemens Semiconductor Group HYB3116405BJ-70 Datasheet HTML 12Page - Siemens Semiconductor Group HYB3116405BJ-70 Datasheet HTML 13Page - Siemens Semiconductor Group HYB3116405BJ-70 Datasheet HTML 14Page - Siemens Semiconductor Group HYB3116405BJ-70 Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Semiconductor Group
11
HYB 3116(7)405BJ/BT(L) -50/-60/-70
3.3V 4Mx4-DRAM
Notes:
1) All voltages are referenced to
VSS.
2)
ICC1, ICC3, ICC4 and ICC6 depend on cycle rate.
3)
ICC1 and ICC4 depend on output loading. Specified values are obtained with the output open.
4) Address can be changed once or less while RAS = Vil. In case of ICC4 it can be changed once or less during
a hyper page mode (EDO) cycle
5) An initial pause of 200
µs is required after power-up followed by 8 RAS cycles of which at least one cycle has
to be a refresh cycle, before proper device operation is achieved. In case of using the internal refresh counter,
a minimum of 8 CAS-before-RAS initialization cycles instead of 8 RAS cycles are required.
6) AC measurements assume
t
T = 2 ns.
7)
V
IH
(min.) and VIL (max.) are reference levels for measuring timing of input signals. Transition times are also
measured between
V
IH and VIL.
8) Measured with the specified current load and 100 pF at Vol = 0.8 V and Voh = 2.0 V. Access time is determined
by the latter of tRAC, tCAC, tAA,tCPA, tOEA. tCAC is measured from tristate.
9) Operation within the tRCD (max.) limit ensures that tRAC (max.) can be met. tRCD (max.) is specified as a reference point
only. If tRCD is greater than the specified tRCD (max.) limit, then access time is controlled by tCAC.
10) Operation within the tRAD (max.) limit ensures that tRAC (max.) can be met. tRAD (max.) is specified as a reference point
only. If tRAD is greater than the specified tRAD (max.) limit, then access time is controlled by tAA.
11) Either tRCH or tRRH must be satisfied for a read cycle.
12) tOFF (max.), tOEZ (max.) define the time at which the output achieves the open-circuit conditions and are not
referenced to output voltage levels. tOFF is referenced from the rising edge of RAS or CAS, whichever occurs
last.
13) Either
t
DZC or tDZO must be satisfied.
14) Either
t
CDD or tODD must be satisfied.
15) tWCS, tRWD, tCWD and tAWD are not restrictive operating parameters. They are included in the data sheet as
electrical characteristics only. If tWCS > tWCS (min.), the cycle is an early write cycle and data out pin will remain
open-circuit (high impedance) through the entire cycle; if tRWD > tRWD (min.), tCWD > tCWD (min.) and tAWD > tAWD (min.),
the cycle is a read-write cycle and I/O will contain data read from the selected cells. If neither of the above
sets of conditions is satisfied, the condition of I/O (at access time) is indeterminate.
16) These parameters are referenced to the CAS leading edge in early write cycles and to the WE leading edge
in read-write cycles.
17)When using Self Refresh mode, the following refresh operations must be performed to ensure proper DRAM
operation:
If row addresses are being refreshed on an evenly distributed manner over the refresh interval using CBR
refresh cycles, then only one CBR cycle must be performed immediately after exit from Self Refresh.
If row addresses are being refreshed in any other manner (ROR - Distributed/Burst; or CBR-Burst) over the
refresh interval, then a full set of row refreshes must be performed immediately before entry to and immediately
after exit from Self Refresh


Similar Part No. - HYB3116405BJ-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3116405BJ-50 SIEMENS-HYB3116405BJ-50 Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB3116405BJ-60 SIEMENS-HYB3116405BJ-60 Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
More results

Similar Description - HYB3116405BJ-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3116400BJBTL-50- SIEMENS-HYB3116400BJBTL-50- Datasheet
253Kb / 26P
   3.3V 4M x 4-Bit Dynamic RAM
logo
Taiwan Memory Technolog...
T2316405A TMT-T2316405A Datasheet
136Kb / 9P
   4M x 4 DYNAMIC RAM EDO PAGE MODE???
logo
Siemens Semiconductor G...
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
logo
Mosel Vitelic, Corp
V53C517405A MOSEL-V53C517405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C317405A MOSEL-V53C317405A Datasheet
175Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C516405A MOSEL-V53C516405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
logo
AMIC Technology
A42L2604 AMICC-A42L2604_15 Datasheet
335Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604 AMICC-A42U2604_15 Datasheet
268Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L2604 AMICC-A42L2604 Datasheet
259Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com