Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3116405BJ-70 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # HYB3116405BJ-70
Description  3.3V 4M x 4-Bit EDO-Dynamic RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3116405BJ-70 Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button HYB3116405BJ-70 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3116405BJ-70 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3116405BJ-70 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3116405BJ-70 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3116405BJ-70 Datasheet HTML 10Page - Siemens Semiconductor Group HYB3116405BJ-70 Datasheet HTML 11Page - Siemens Semiconductor Group HYB3116405BJ-70 Datasheet HTML 12Page - Siemens Semiconductor Group HYB3116405BJ-70 Datasheet HTML 13Page - Siemens Semiconductor Group HYB3116405BJ-70 Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Semiconductor Group
10
HYB 3116(7)405BJ/BT(L) -50/-60/-70
3.3V 4Mx4-DRAM
CAS precharge to RAS Delay
tRHPC
27
32
37
ns
Hyper Page Mode (EDO) Read-modify-Write Cycle
Hyper page mode (EDO) read-
write cycle time
tPRWC
58
68
77
ns
CAS precharge to WE
tCPWD
41
49
56
ns
CAS-before-RAS Refresh Cycle
CAS setup time
tCSR
10
10
10
ns
CAS hold time
tCHR
10
10
10
ns
RAS to CAS precharge time
tRPC
5–5
–5–
ns
Write to RAS precharge time
tWRP
10
10
10
ns
Write hold time referenced to RAS tWRH
10
10
10
ns
CAS-before-RAS Counter Test Cycle
CAS precharge time
tCPT
35
40
40
ns
Self Refresh Cycle
RAS pulse width
tRASS
100k
_
100k
_
100k
_
ns
17
RAS precharge
tRPS
95
_
110
_
130
_
ns
17
CAS hold time
tCHS
-50
_
-50
_
-50
_
ns
17
Test Mode
Write command setup time
tWTS
10
10
10
ns
Write command hold time
tWTH
10
10
10
ns
CAS hold time
tCHRT
30
30
30
ns
AC Characteristics (cont’d) 5)6)
16E
TA = 0 to 70 °C,VCC = 5 V
± 10 %, t
T = 2 ns
Parameter
Symbol
Limit Values
Unit
Note
-50
-60
-70
min.
max. min.
max. min.
max.


Similar Part No. - HYB3116405BJ-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3116405BJ-50 SIEMENS-HYB3116405BJ-50 Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB3116405BJ-60 SIEMENS-HYB3116405BJ-60 Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
More results

Similar Description - HYB3116405BJ-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3116400BJBTL-50- SIEMENS-HYB3116400BJBTL-50- Datasheet
253Kb / 26P
   3.3V 4M x 4-Bit Dynamic RAM
logo
Taiwan Memory Technolog...
T2316405A TMT-T2316405A Datasheet
136Kb / 9P
   4M x 4 DYNAMIC RAM EDO PAGE MODE???
logo
Siemens Semiconductor G...
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
logo
Mosel Vitelic, Corp
V53C517405A MOSEL-V53C517405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C317405A MOSEL-V53C317405A Datasheet
175Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C516405A MOSEL-V53C516405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
logo
AMIC Technology
A42L2604 AMICC-A42L2604_15 Datasheet
335Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604 AMICC-A42U2604_15 Datasheet
268Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L2604 AMICC-A42L2604 Datasheet
259Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com