Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3116400BT-50 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # HYB3116400BT-50
Description  3.3V 4M x 4-Bit Dynamic RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3116400BT-50 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button HYB3116400BT-50 Datasheet HTML 2Page - Siemens Semiconductor Group HYB3116400BT-50 Datasheet HTML 3Page - Siemens Semiconductor Group HYB3116400BT-50 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3116400BT-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3116400BT-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3116400BT-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3116400BT-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3116400BT-50 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3116400BT-50 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Semiconductor Group
6
HYB 3116(7)400BJ/BT(L) -50/-60/-70
3.3V 4Mx4-DRAM
Absolute Maximum Ratings
Operating temperature range ............................................................................................0 to 70 °C
Storage temperature range.........................................................................................– 55 to 150 ° C
Input/output voltage ................................................................................-0.5 to min(Vcc+0.5, 4.6) V
Power supply voltage.................................................................................................- 0.5 V to 4.6 V
Power dissipation.................................................................................................................... 0.5 W
Data out current (short circuit) ................................................................................................50 mA
Note:
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage of
the device. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
DC Characteristics (values in brackets for HYB3117400)
T
A = 0 to 70 °C, VSS = 0 V, VCC = 3.3 V ± 0.3 V, tT = 5 ns
Parameter
Symbol
Limit Values
Unit Test
Condition
min.
max.
Input high voltage
V
IH
2.0
Vcc+0.5
V
1)
Input low voltage
V
IL
– 0.5
0.8
V
1)
TTL Output high voltage (
I
OUT = – 2 mA)
V
OH
2.4
V
1)
TTL Output low voltage (
I
OUT = 2 mA)
V
OL
0.4
V
1)
CMOS Output high voltage (
I
OUT = –100 uA)
V
OH
VCC-0.2 –
V
CMOS Output low voltage (
I
OUT = 100 uA)
V
OL
0.2
V
Input leakage current
(0 V
V
IH ≤ Vcc + 0.3V, all other pins = 0 V)
I
I(L)
– 10
10
µA
1)
Output leakage current
(DO is disabled, 0 V
V
OUT ≤ Vcc + 0.3V)
I
O(L)
– 10
10
µA
1)
Average
V
CC supply current:
-50 ns version
-60 ns version
-70 ns version
(RAS, CAS, address cycling, t
RC = tRC min.)
I
CC1
100(120)
90 (110)
80 (100)
mA
mA
mA
2) 3) 4)
2) 3) 4)
2) 3) 4)
Standby
V
CC supply current (RAS =CAS = VIH)
I
CC2
–2
mA


Similar Part No. - HYB3116400BT-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3116400BT-50 SIEMENS-HYB3116400BT-50 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
More results

Similar Description - HYB3116400BT-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3116405BJBTL-50- SIEMENS-HYB3116405BJBTL-50- Datasheet
285Kb / 26P
   3.3V 4M x 4-Bit EDO-Dynamic RAM
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
HYB3164165BT SIEMENS-HYB3164165BT Datasheet
304Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3164160T SIEMENS-HYB3164160T Datasheet
367Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165T SIEMENS-HYB3164165T Datasheet
391Kb / 30P
   4M x 16-Bit Dynamic RAM
HYB514100BJ-50- SIEMENS-HYB514100BJ-50- Datasheet
108Kb / 21P
   4M x 1-Bit Dynamic RAM
HYB3164160AT SIEMENS-HYB3164160AT Datasheet
216Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165AT SIEMENS-HYB3164165AT Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com