Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM62486BFN11 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MCM62486BFN11
Description  32K x 9 Bit BurstRAM Synchronous Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM62486BFN11 Datasheet(HTML) 5 Page - Motorola, Inc

  MCM62486BFN11 Datasheet HTML 1Page - Motorola, Inc MCM62486BFN11 Datasheet HTML 2Page - Motorola, Inc MCM62486BFN11 Datasheet HTML 3Page - Motorola, Inc MCM62486BFN11 Datasheet HTML 4Page - Motorola, Inc MCM62486BFN11 Datasheet HTML 5Page - Motorola, Inc MCM62486BFN11 Datasheet HTML 6Page - Motorola, Inc MCM62486BFN11 Datasheet HTML 7Page - Motorola, Inc MCM62486BFN11 Datasheet HTML 8Page - Motorola, Inc MCM62486BFN11 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MCM62486B
5
MOTOROLA FAST SRAM
AC OPERATING CONDITIONS AND CHARACTERISTICS
(VCC, VCCQ = 5.0 V ± 5%, TA = 0 to + 70°C, for device MCM62486B–11)
(VCC = 5.0 V ± 10%, VCCQ = 5.0 V or 3.3 V ± 10%, TA = 0 to + 70°C, for all other devices)
Input Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . . . .
Input Pulse Levels
0 to 3.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Rise/Fall Time
3 ns
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Timing Reference Level
1.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
Output Load
Figure 1A Unless Otherwise Noted
. . . . . . . . . . . . . . . .
READ/WRITE CYCLE TIMING (See Notes 1, 2, and 3)
62486B–11
62486B–12
62486B–14
62486B–19
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Unit
Notes
Cycle Time
tKHKH
15
20
20
25
ns
Clock Access Time
tKHQV
11
12
14
19
ns
Output Enable Access
tGLQV
5
5
6
7
ns
Clock High to Output Active
tKHQX1
6
6
6
6
ns
Clock High to Q Change
tKHQX2
3
3
4
4
ns
Output Enable to Q Active
tGLQX
0
0
0
0
ns
Output Disable to Q High–Z
tGHQZ
6
6
6
7
ns
4
Clock High to Q High–Z
tKHQZ
6
6
6
6
ns
Clock High Pulse Width
tKHKL
5.5
7
8
6
ns
Clock Low Pulse Width
tKLKH
5.5
7
8
6
ns
Setup Times:
Address
Address Status
Data In
Write
Address Advance
Chip Select
tAVKH
tADSVKH
tDVKH
tWVKH
tADVVKH
tS0VKH
tS1VKH
2
2
3
3
ns
5
Hold Times:
Address
Address Status
Data In
Write
Address Advance
Chip Select
tKHAX
tKHADSX
tKHDX
tKHWX
tKHADVX
tKHS0X
tKHS1X
2
2
2
2
ns
5
NOTES:
1. A read cycle is defined by W high or ADSP low for the setup and hold times. A write cycle is defined by W low and ADSP high for the setup
and hold times.
2. All read and write cycle timings are referenced from K or G.
3. G is a don’t care when W is sampled low.
4. Transition is measured
± 500 mV from steady–state voltage with load of Figure 1B. This parameter is sampled and not 100% tested. At any
given voltage and temperature, tKHQZ max is less than tKHQX1 min for a given device and from device to device.
5. This is a synchronous device. All addresses must meet the specified setup and hold times for
ALL rising edges of clock (K) whenever ADSP
and ADSC are low and the chip is selected. All other synchronous inputs must meet the specified setup and hold times for
ALL rising edges
of K when the chip is selected.Chip select must be true (S1 low and S0 high) at each rising edge of clock for the device (when ADSP or ADSC
is low) to remain enabled. Timings for S1 and S0 are similar.
AC TEST LOADS
Figure 1B
5 pF
+ 5 V
OUTPUT
255
480
Figure 1A
OUTPUT
Z0 = 50 Ω
RL = 50 Ω
VL = 1.5 V


Similar Part No. - MCM62486BFN11

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6246 MOTOROLA-MCM6246 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6246WJ17 MOTOROLA-MCM6246WJ17 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6246WJ17R2 MOTOROLA-MCM6246WJ17R2 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6246WJ20 MOTOROLA-MCM6246WJ20 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6246WJ20R2 MOTOROLA-MCM6246WJ20R2 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
More results

Similar Description - MCM62486BFN11

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67C518 MOTOROLA-MCM67C518 Datasheet
214Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M518 MOTOROLA-MCM67M518 Datasheet
205Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67B518 MOTOROLA-MCM67B518 Datasheet
206Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H518 MOTOROLA-MCM67H518 Datasheet
208Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM63P531 MOTOROLA-MCM63P531 Datasheet
334Kb / 16P
   32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P536C MOTOROLA-MCM69P536C Datasheet
210Kb / 12P
   32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69F536C MOTOROLA-MCM69F536C Datasheet
209Kb / 12P
   32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM67J518 MOTOROLA-MCM67J518 Datasheet
218Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RA
MCM6205D MOTOROLA-MCM6205D Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
logo
Cypress Semiconductor
CY7C188 CYPRESS-CY7C188_06 Datasheet
245Kb / 7P
   32K x 9 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com