Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NESG240034 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # NESG240034
Description  NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NESG240034 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button NESG240034 Datasheet HTML 3Page - Renesas Technology Corp NESG240034 Datasheet HTML 4Page - Renesas Technology Corp NESG240034 Datasheet HTML 5Page - Renesas Technology Corp NESG240034 Datasheet HTML 6Page - Renesas Technology Corp NESG240034 Datasheet HTML 7Page - Renesas Technology Corp NESG240034 Datasheet HTML 8Page - Renesas Technology Corp NESG240034 Datasheet HTML 9Page - Renesas Technology Corp NESG240034 Datasheet HTML 10Page - Renesas Technology Corp NESG240034 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Collector Current IC (mA)
VCE = 5 V,
f = 1 GHz
15
0
5
10
–5
10
1
100
MAG
MSG
|S21e|
2
INSERTION POWER GAIN, MAG, MSG
vs. COLLECTOR CURRENT
20
Collector Current IC (mA)
VCE = 3 V,
f = 1 GHz
20
5
10
15
0
10
1
100
MAG
MSG
|S21e|
2
INSERTION POWER GAIN, MAG, MSG
vs. COLLECTOR CURRENT
Frequency f (GHz)
INSERTION POWER GAIN,
MAG, MSG vs. FREQUENCY
VCE = 5 V,
IC = 40 mA
30
25
20
15
10
5
0
1
10
35
MAG
MSG
|S21e|
2
0.1
MSG
MAG
Frequency f (GHz)
INSERTION POWER GAIN,
MAG, MSG vs. FREQUENCY
VCE = 3 V,
IC = 40 mA
30
25
20
15
10
5
0
110
35
MAG
MSG
|S21e|
2
0.1
MSG
MAG
Remark The graphs indicate nominal characteristics.
Data Sheet PU10769EJ02V0DS
6
NESG240034


Similar Part No. - NESG240034

ManufacturerPart #DatasheetDescription
logo
NEC
NESG240034 NEC-NESG240034 Datasheet
91Kb / 9P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
NESG240034-A NEC-NESG240034-A Datasheet
91Kb / 9P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
logo
Renesas Technology Corp
NESG240034-A RENESAS-NESG240034-A Datasheet
137Kb / 2P
   RF & Microwave device
logo
NEC
NESG240034-T1 NEC-NESG240034-T1 Datasheet
91Kb / 9P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
NESG240034-T1-A NEC-NESG240034-T1-A Datasheet
91Kb / 9P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
More results

Similar Description - NESG240034

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NESG220034 RENESAS-NESG220034 Datasheet
226Kb / 11P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
logo
NEC
NESG240034 NEC-NESG240034 Datasheet
91Kb / 9P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
NESG220034 NEC-NESG220034 Datasheet
97Kb / 9P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
NESG210833 NEC-NESG210833 Datasheet
103Kb / 8P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
NESG220033 NEC-NESG220033 Datasheet
95Kb / 8P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
NESG240033 NEC-NESG240033 Datasheet
103Kb / 8P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
logo
Renesas Technology Corp
NESG220033 RENESAS-NESG220033 Datasheet
224Kb / 10P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
NESG210833 RENESAS-NESG210833 Datasheet
232Kb / 10P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
NESG240033 RENESAS-NESG240033 Datasheet
232Kb / 10P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
logo
California Eastern Labs
NESG270034 CEL-NESG270034 Datasheet
349Kb / 11P
   NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (2 W) 3-PIN POWER MINIMOLD (34 PKG)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com