Electronic Components Datasheet Search |
|
OZ-SH-112DM200 Datasheet(PDF) 1 Page - Tyco Electronics |
|
OZ-SH-112DM200 Datasheet(HTML) 1 Page - Tyco Electronics |
1 / 2 page 462 Dimensions are shown for reference purposes only. Dimensions are in inches over (millimeters) unless otherwise specified. Specifications and availability subject to change. OEG Catalog 1308242 Issued 3-03 (PDF Rev. 11-04) www.tycoelectronics.com Technical support: Refer to inside back cover. Features • Meet UL 508, CSA and TUV requirements. • 1 Form A and 1 Form C contact arrangements. • Immersion cleanable, sealed version available. • Meet 5,000V dielectric voltage between coil and contacts. • Meet 10,000V surge voltage between coil and contacts (1.2 / 50 µs). • Quick Connect Terminal type available (OZF). • UL TV-8 rating available (OZT). OZ/OZF series 16A Miniature Power PC Board Relay Appliances, HVAC, Office Machines. UL File No. E82292 CSA File No. LR48471 TUV File No. R85447 Initial Insulation Resistance Between Mutually Insulated Elements: 1,000M ohms min. @ 500VDC. Mechanical Data Termination: Printed circuit terminals. Enclosure (94V-0 Flammability Ratings): OZ-S: Vented (Flux-tight) plastic cover. OZF-SS: Vented (Flux-tight) plastic cover. OZ-SH: Sealed plastic case. Weight: 0.46 oz (13g) approximately. Operate Data Must Operate Voltage: OZ-D: 70% of nominal voltage or less. OZ-L: 75% of nominal voltage or less. Must Release Voltage: 5% of nominal voltage or more. Operate Time: OZ-D: 15 ms max. OZ-L: 20 ms max. Release Time: 8 ms max. Environmental Data Temperature Range: Operating, Class A (105 °C) Insulation: OZ-D: -30 °C to +55°C OZ-L: -30 °C to +70°C. Operating, Class F (155 °C) Insulation: OZ-D: -30 °C to +85°C OZ-L: -30 °C to +105°C. Operating: OZ-D: -30 °C to +55°C OZ-L: -30 °C to +70 °C Vibration, Mechanical: 10 to 55 Hz., 1.5mm double amplitude Operational: 10 to 55 Hz., 1.5mm double amplitude. Shock, Mechanical: 1,000m/s2 (100G approximately). Operational: 100m/s2 (10G approximately). Operating Humidity: 20 to 85% RH. (Non-condensing). Initial Dielectric Strength Between Open Contacts: 1,000VAC 50/60 Hz. (1 minute). Between Coil and Contacts: 5,000VAC 50/60 Hz. (1 minute). Surge Voltage Between Coil and Contacts: 10,000V (1.2 / 50 µs). Contact Data @ 20 °C Arrangements: 1 Form A (SPST-NO) and 1 Form C (SPDT). Material: Ag Alloy (1 Form C) and AgSnO (1 Form A). Max. Switching Rate: 300 ops./min. (no load). 30 ops./min. (rated load). Expected Mechanical Life: 10 million operations (no load). Expected Electrical Life: 100,000 operations (rated load). Minimum Load: 100mA @ 5VDC. Initial Contact Resistance: 100 milliohms @ 1A, 6VDC. Coil Data Voltage: 5 to 48VDC. Nominal Power: 720 mW (OZ-D), 540mW (OZ-L). Coil Temperature Rise: 45 °C max., at rated coil voltage. Max. Coil Power: 130% of nominal. Duty Cycle: Continuous. Contact Ratings Ratings: OZ/OZF: 20A @ 120VAC resistive, 16A @ 240VAC resistive, 5A @ 120VAC inductive (cosø= 0.4), 5A @ 24VDC inductive ( L/R= 7msec). 1/2 HP @ 120VAC, 70 °C. 1 HP @ 240VAC. 20A @ 120VAC, general use. 16A @ 240VAC, general use, N.O. only, @ 105 °C*. 16A @ 240VAC, general use, carry only, N.C. only, @ 105 °C*. * Rating applicable only to models with Class F (155 °C) insulation system. OZT: 8A @ 240VAC resistive, TV-8 @ 120VAC tungsten, 25,000ops. Max. Switched Voltage: AC: 240V. DC: 110V. Max. Switched Current: 16A (OZ/OZF), 8A (OZT). Max. Switched Power: 3,850VA, 600W. Coil Data @ 20 °C OZ-L Sensitive Rated Coil Nominal Coil Must Operate Must Release Voltage Current Resistance Voltage Voltage (VDC) (mA) (ohms) ± 10% (VDC) (VDC) 5 106.4 47 3.75 0.25 6 88.0 68 4.50 0.30 9 58.0 155 6.75 0.45 12 44.4 270 9.00 0.60 24 21.8 1,100 18.00 1.20 48 10.9 4,400 36.00 2.40 OZ-D Standard Rated Coil Nominal Coil Must Operate Must Release Voltage Current Resistance Voltage Voltage (VDC) (mA) (ohms) ± 10% (VDC) (VDC) 5 138.9 36 3.50 0.25 6 120.0 50 4.20 0.30 9 78.3 115 6.30 0.45 12 60.0 200 8.40 0.90 24 29.3 820 16.80 1.20 48 14.5 3,300 33.60 2.40 Users should thoroughly review the technical data before selecting a product part number. It is recommended that user also seek out the pertinent approvals files of the agencies/laboratories and review them to ensure the product meets the requirements for a given application. |
Similar Part No. - OZ-SH-112DM200 |
|
Similar Description - OZ-SH-112DM200 |