Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB314400BJ-50- Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # HYB314400BJ-50-
Description  1M x 4-Bit Dynamic RAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB314400BJ-50- Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button HYB314400BJ-50- Datasheet HTML 2Page - Siemens Semiconductor Group HYB314400BJ-50- Datasheet HTML 3Page - Siemens Semiconductor Group HYB314400BJ-50- Datasheet HTML 4Page - Siemens Semiconductor Group HYB314400BJ-50- Datasheet HTML 5Page - Siemens Semiconductor Group HYB314400BJ-50- Datasheet HTML 6Page - Siemens Semiconductor Group HYB314400BJ-50- Datasheet HTML 7Page - Siemens Semiconductor Group HYB314400BJ-50- Datasheet HTML 8Page - Siemens Semiconductor Group HYB314400BJ-50- Datasheet HTML 9Page - Siemens Semiconductor Group HYB314400BJ-50- Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
HYB 314400BJ-50/-60
3.3 V 1M
× 4 DRAM
Semiconductor Group
6
1998-10-01
Standby
V
CC supply current
(RAS = CAS = WE =
V
CC – 0.2 V)
I
CC5
–1
µA
1
Average
V
CC supply current during
CAS-before-RAS refresh mode
-50 version
-60 version
I
CC6
70
60
mA
2, 4
Capacitance
T
A = 0 to 70 °C; VCC = 3.3 V ± 0.3 V; f = 1 MHz
Parameter
Symbol
Limit Values
Unit
min.
max.
Input capacitance (A0 to A9)
C
I1
–5pF
Input capacitance (RAS, CAS, WE, OE)
C
I2
–7pF
Output capacitance (IO1 to IO4)
C
IO
–7pF
DC Characteristics (cont’d)
T
A = 0 to 70 °C, VSS = 0 V, VCC = 3.3 V ± 0.3 V, tT = 5 ns
Parameter
Symbol
Limit Values
Unit Test
Condition
min.
max.


Similar Part No. - HYB314400BJ-50-

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB314405BJ-50 SIEMENS-HYB314405BJ-50 Datasheet
1Mb / 25P
   1M x 4-Bit Dynamic RAM
HYB314405BJ-60 SIEMENS-HYB314405BJ-60 Datasheet
1Mb / 25P
   1M x 4-Bit Dynamic RAM
HYB314405BJ-70 SIEMENS-HYB314405BJ-70 Datasheet
1Mb / 25P
   1M x 4-Bit Dynamic RAM
HYB314405BJBJL-50- SIEMENS-HYB314405BJBJL-50- Datasheet
1Mb / 25P
   1M x 4-Bit Dynamic RAM
HYB314405BJL-50 SIEMENS-HYB314405BJL-50 Datasheet
1Mb / 25P
   1M x 4-Bit Dynamic RAM
More results

Similar Description - HYB314400BJ-50-

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
HYB514400BJ SIEMENS-HYB514400BJ Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
HYB314405BJBJL-50- SIEMENS-HYB314405BJBJL-50- Datasheet
1Mb / 25P
   1M x 4-Bit Dynamic RAM
HYB514400BJ-50- SIEMENS-HYB514400BJ-50- Datasheet
124Kb / 24P
   1M x 4-Bit Dynamic RAM
HYB514405BJ SIEMENS-HYB514405BJ Datasheet
1Mb / 25P
   1M x 4-Bit Dynamic RAM
HYB5116160BSJ-50 SIEMENS-HYB5116160BSJ-50 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5118160BSJ-50 SIEMENS-HYB5118160BSJ-50 Datasheet
254Kb / 24P
   1M x 16-Bit Dynamic RAM
HYM321160S SIEMENS-HYM321160S Datasheet
126Kb / 9P
   1M x 32-Bit Dynamic RAM Module
HYM641010GS-60- SIEMENS-HYM641010GS-60- Datasheet
82Kb / 11P
   1M x 64-Bit Dynamic RAM Module
HYM721000GS-60- SIEMENS-HYM721000GS-60- Datasheet
83Kb / 11P
   1M x 72-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com