Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2014-0.8YML Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2014-0.8YML
Description  Fixed and Adjustable Current Limiting Power Distribution Switches
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2014-0.8YML Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2014-0.8YML Datasheet HTML 1Page - Micrel Semiconductor MIC2014-0.8YML Datasheet HTML 2Page - Micrel Semiconductor MIC2014-0.8YML Datasheet HTML 3Page - Micrel Semiconductor MIC2014-0.8YML Datasheet HTML 4Page - Micrel Semiconductor MIC2014-0.8YML Datasheet HTML 5Page - Micrel Semiconductor MIC2014-0.8YML Datasheet HTML 6Page - Micrel Semiconductor MIC2014-0.8YML Datasheet HTML 7Page - Micrel Semiconductor MIC2014-0.8YML Datasheet HTML 8Page - Micrel Semiconductor MIC2014-0.8YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
MIC20XX Family
Fixed and Adjustable Current Limiting
Power Distribution Switches
Kickstart is a trademark of Micrel, Inc.
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
CableCARD is a trademark of CableLabs.
Protected by U.S. Patent No. 7,170,732
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
MIC20XX family of switches are current limiting, high-side
power switches, designed for general purpose power
distribution and control in digital televisions (DTV), printers,
set top boxes (STB), PCs, PDAs, and other peripheral
devices (see Functionality Table and Pin Configuration
drawings)
MIC20XX family’s primary functions are current limiting
and power switching. They are thermally protected and will
shutdown should their internal temperature reach unsafe
levels, protecting both the device and the load, under high-
current or fault conditions
Features include fault reporting, fault blanking to eliminate
noise-induced false alarms, output slew rate limiting, under
voltage detection, automatic-on output, and enable pin
with choice of either active low or active high enable. The
FET is self-contained, with a fixed- or user-adjustable
current limit. The MIC20XX family is ideal for any system
where current limiting and power control are desired.
The MIC201X (3 ≤ x ≤ 9) and MIC2019A switches offer a
unique new patented feature: Kickstart™, which allows
momentary high-current surges up to the secondary
current limit (ILIMIT_2nd) without sacrificing overall system
safety.
The MIC20xx family is offered, depending on the desired
features, in a space-saving 5-pin SOT-23, 6-pin SOT-23,
and 2mm x 2mm MLF
® packages.
Datasheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• MIC20X3 – MIC20X9
70m
Ω typical on-resistance @ 5V
• MIC2005A/20X9A
170m
Ω typical on-resistance @ 5V
• Enable active high or active low
• 2.5V – 5.5V operating range
• Pre-set current limit values of 0.5A, 0.8A, and 1.2A*
• Adjustable current limit 0.2A to 2.0A* (MIC20X7-
MIC20X9)
• Adjustable current limit 0.1A to 0.9A* (MIC20X9A)
• Undervoltage lock-out (UVLO)
• Variable UVLO allows adjustable UVLO thresholds*
• Automatic load discharge for capacitive loads*
• Soft-start prevents large current inrush
• Adjustable slew rate allows custom slew rates*
• Automatic-on output after fault
• Thermal protection
* Available on some family members
Applications
• Digital televisions (DTV)
• Set top boxes
• PDAs
• Printers
• USB / IEEE 1394 power distribution
• Desktop and laptop PCs
• Game consoles
• Docking stations
___________________________________________________________________________________________________________
Typical Application
VIN
VOUT
MIC2005A
VBUS
USB
Port
GND
EN
FAULT/
5V Supply
VIN
Logic
Controller
ON/OFF
OVERCURRENT/
1µF
120µF
Figure 1. Typical Application Circuit
August 2011
M9999-080211-D


Similar Part No. - MIC2014-0.8YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2014-0.8YML MICREL-MIC2014-0.8YML Datasheet
415Kb / 25P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2014-0.8YML MICREL-MIC2014-0.8YML Datasheet
1Mb / 29P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC2014-0.8YML-TR MICROCHIP-MIC2014-0.8YML-TR Datasheet
3Mb / 38P
   Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
More results

Similar Description - MIC2014-0.8YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2005A-1YM5TR MICREL-MIC2005A-1YM5TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2009YM6-TR MICREL-MIC2009YM6-TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC20XX MICROCHIP-MIC20XX Datasheet
3Mb / 38P
   Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
logo
Micrel Semiconductor
MIC2005A MICREL-MIC2005A Datasheet
415Kb / 25P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC20XX MICREL-MIC20XX Datasheet
1Mb / 29P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
ON Semiconductor
NCP380HMUAJAATBG ONSEMI-NCP380HMUAJAATBG Datasheet
599Kb / 24P
   Fixed / Adjustable Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 10
NCP383 ONSEMI-NCP383 Datasheet
163Kb / 10P
   Adjustable Current-Limiting Power-Distribution Switches
October, 2012 ??Rev. 2
NCP382 ONSEMI-NCP382_16 Datasheet
172Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
July, 2016 ??Rev. 9
NCP382 ONSEMI-NCP382 Datasheet
217Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 8
NCP380HMUAJAGEVB ONSEMI-NCP380HMUAJAGEVB Datasheet
627Kb / 23P
   Fixed/Adjustable Current??Limiting Power?륞istribution Switches
April, 2013 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com