Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS8997 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # KS8997
Description  8-Port 10/100 Integrated Switch with PHY and Frame Buffer
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8997 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button KS8997_07 Datasheet HTML 5Page - Micrel Semiconductor KS8997_07 Datasheet HTML 6Page - Micrel Semiconductor KS8997_07 Datasheet HTML 7Page - Micrel Semiconductor KS8997_07 Datasheet HTML 8Page - Micrel Semiconductor KS8997_07 Datasheet HTML 9Page - Micrel Semiconductor KS8997_07 Datasheet HTML 10Page - Micrel Semiconductor KS8997_07 Datasheet HTML 11Page - Micrel Semiconductor KS8997_07 Datasheet HTML 12Page - Micrel Semiconductor KS8997_07 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Micrel, Inc.
KS8997/KSZ8997
February 2007
9
M9999-022807-1.1
Pin
Number
Pin Name
Type(1)
Port
Pin Function
78
GND
Gnd
Ground for digital circuitry
79
LED[3][3]
I/O
3
LED indicator 3
80
LED[3][2]
I/O
3
LED indicator 2
81
LED[3][0]
I/O
3
LED indicator 0
82
LED[4][3]
I/O
4
LED indicator 3
83
LED[4][2]
I/O
4
LED indicator 2
84
LED[4][0]
I/O
4
LED indicator 0
85
VDD
Pwr
2.0V for core digital circuitry
86
GND
Gnd
Ground for core digital circuitry
87
LED[5][3]
I/O
5
LED indicator 3
88
LED[5][2]
I/O
5
LED indicator 2
89
LED[5][0]
I/O
5
LED indicator 0
90
LED[6][3]
I/O
6
LED indicator 3
91
LED[6][2]
I/O
6
LED indicator 2
92
LED[6][0]
I/O
6
LED indicator 0
93
LED[7][3]
I/O
7
LED indicator 3
94
LED[7][2]
I/O
7
LED indicator 2
95
VDD-IO
Pwr
2.0V, 2.5V or 3.3V for I/O circuitry
96
LED[7][0]
I/O
7
LED indicator 0
97
LED[8][3]
I/O
8
LED indicator 3
98
LED[8][2]
I/O
8
LED indicator 2
99
LED[8][0]
I/O
8
LED indicator 0
100
GND
Gnd
Ground for digital circuitry
101
GND
Gnd
Ground for core digital circuitry
102
VDD
Pwr
2.0V for core digital circuitry
103
MODESEL[1]
I
Selects LED modes
104
MODESEL[0]
I
Selects LED modes
105
T[5]
I
Factory test pin – float for normal operation
106
X1
I
Crystal or clock input
107
X2
O
Connect to crystal
108
VDD_PLLTX
Pwr
2.0V for phase locked loop circuit
109
GND_PLLTX
Gnd
Ground for phase locked loop circuit
110
VDD_RCV
Pwr
2.0V for clock recovery circuit
111
GND_RCV
Gnd
Ground for clock recovery circuit
112
VDD_RCV
Pwr
2.0V for clock recovery circuit
113
GND_RCV
Gnd
Ground for clock recovery circuit
114
VDD_RX
Pwr
2.0V for equalizer
115
GND_RX
Gnd
Ground for equalizer
116
RXP[1]
I
1
Physical receive signal + (differential)


Similar Part No. - KS8997_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8997 MICREL-KS8997 Datasheet
168Kb / 37P
   8-Port 10/100 Integrated Switch with PHY and Frame Buffer
More results

Similar Description - KS8997_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8997 MICREL-KS8997 Datasheet
168Kb / 37P
   8-Port 10/100 Integrated Switch with PHY and Frame Buffer
SY87813L MICREL-SY87813L_06 Datasheet
205Kb / 35P
   3-Port 10/100 Integrated Switch with PHY and Frame Buffer
KS8993 MICREL-KS8993 Datasheet
225Kb / 35P
   3-Port 10/100 Integrated Switch with PHY and Frame Buffer
KS8999 MICREL-KS8999 Datasheet
279Kb / 52P
   Integrated 9-Port 10/100 Switch with PHY and Frame Buffer
KS8999 MICREL-KS8999_11 Datasheet
444Kb / 53P
   Integrated 9-Port 10/100 Switch with PHY and Frame Buffer
KS8993 MICREL-KS8993_09 Datasheet
205Kb / 35P
   3-Port 10/100 Integrated Switch with PHY and Frame Buffer
logo
Microchip Technology
KSZ8873MML MICROCHIP-KSZ8873MML Datasheet
846Kb / 91P
   Integrated 3-Port 10/100 Managed Switch with PHY
10/25/17
logo
List of Unclassifed Man...
KS8995 ETC-KS8995 Datasheet
43Kb / 2P
   5 Port 10/100 Switch with PHY
logo
Broadcom Corporation.
BCM5388 BOARDCOM-BCM5388 Datasheet
229Kb / 1P
   8 GE PORT SWITCH WITH INTEGRATED GE COPPER PHY
logo
List of Unclassifed Man...
IP178C ETC1-IP178C Datasheet
1Mb / 91P
   8 Port 10/100 Ethernet Integrated Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com