Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5320-PGYD6 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC5320-PGYD6
Description  High-Performance Dual 150mA 關Cap ULDO?
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5320-PGYD6 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC5320-PGYD6 Datasheet HTML 5Page - Micrel Semiconductor MIC5320-PGYD6 Datasheet HTML 6Page - Micrel Semiconductor MIC5320-PGYD6 Datasheet HTML 7Page - Micrel Semiconductor MIC5320-PGYD6 Datasheet HTML 8Page - Micrel Semiconductor MIC5320-PGYD6 Datasheet HTML 9Page - Micrel Semiconductor MIC5320-PGYD6 Datasheet HTML 10Page - Micrel Semiconductor MIC5320-PGYD6 Datasheet HTML 11Page - Micrel Semiconductor MIC5320-PGYD6 Datasheet HTML 12Page - Micrel Semiconductor MIC5320-PGYD6 Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Micrel, Inc.
MIC5320
February 2011
10
M9999-021111-H
Applications Information
Thermal Considerations
Enable/Shutdown
The MIC5320 is designed to provide 150mA of
continuous current for both outputs in a very small
package. Maximum ambient operating temperature
can be calculated based on the output current and the
voltage drop across the part. Given that the input
voltage is 3.3V, the output voltage is 2.8V for VOUT1,
1.5V for VOUT2 and the output current = 150mA. The
actual power dissipation of the regulator circuit can be
determined using the equation:
The MIC5320 comes with dual active-high enable pins
that
allow
each
regulator
to
be
disabled
independently. Forcing the enable pin low disables the
regulator and sends it into a “zero” off-mode-current
state. In this state, current consumed by the regulator
goes nearly to zero. Forcing the enable pin high
enables the output voltage. The active-high enable pin
uses CMOS technology and the enable pin cannot be
left floating; a floating enable pin may cause an
indeterminate state on the output.
PD = (VIN – VOUT1) IOUT1 + (VIN – VOUT2) IOUT2+
VIN IGND
Input Capacitor
The MIC5320 is a high-performance, high bandwidth
device. Therefore, it requires a well-bypassed input
supply for optimal performance. A 1µF capacitor is
required from the input to ground to provide stability.
Low-ESR
ceramic
capacitors
provide
optimal
performance at a minimum of space. Additional high-
frequency capacitors, such as small-valued NPO
dielectric-type
capacitors,
help
filter
out
high-
frequency noise and are good practice in any RF-
based circuit.
Because this device is CMOS and the ground current
is typically <150µA over the load range, the power
dissipation contributed by the ground current is < 1%
and can be ignored for this calculation.
PD = (3.3V – 2.8V) × 150mA + (3.3V -1.5) ×
150mA
PD = 0.345W
Output Capacitor
The MIC5320 requires an output capacitor of 1µF or
greater to maintain stability. The design is optimized
for use with low-ESR ceramic chip capacitors. High
ESR capacitors may cause high frequency oscillation.
The
output
capacitor
can
be
increased,
but
performance has been optimized for a 1µF ceramic
output capacitor and does not improve significantly
with larger capacitance.
To determine the maximum ambient operating
temperature of the package, use the junction-to-
ambient thermal resistance of the device and the
following basic equation:
PD(MAX) =
TJ(MAX) - TA
JA
X7R/X5R dielectric-type ceramic capacitors are
recommended
because
of
their
temperature
performance.
X7R-type
capacitors
change
capacitance by 15% over their operating temperature
range and are the most stable type of ceramic
capacitors. Z5U and Y5V dielectric capacitors change
value by as much as 50% and 60%, respectively, over
their operating temperature ranges. To use a ceramic
chip capacitor with Y5V dielectric, the value must be
much higher than an X7R ceramic capacitor to ensure
the same minimum capacitance over the equivalent
operating temperature range.
TJ(max) = 125°C, the maximum junction temperature of
the die θJA thermal resistance = 100°C/W.
The table below shows junction-to-ambient thermal
resistance for the MIC5320 in different packages.
Package
θJA Recommended
Minimum Footprint
θJC
6-Pin 1.6x1.6 Thin MLF
®
100°C/W
2°C/W
Thermal Resistance
No-Load Stability
Unlike many other voltage regulators, the MIC5320
will remain stable and in regulation with no load. This
is especially important in CMOS RAM keep-alive
applications.


Similar Part No. - MIC5320-PGYD6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5320-PGYD6 MICREL-MIC5320-PGYD6 Datasheet
423Kb / 13P
   Dual, High Performance 150mA uCap ULDO
More results

Similar Description - MIC5320-PGYD6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5322 MICREL-MIC5322 Datasheet
317Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5322_0805 MICREL-MIC5322_0805 Datasheet
263Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5321 MICREL-MIC5321_08 Datasheet
345Kb / 12P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5301 MICREL-MIC5301 Datasheet
406Kb / 11P
   Single, 150mA 關Cap ULDO?
MIC5301 MICREL-MIC5301_08 Datasheet
419Kb / 11P
   Single, 150mA 關Cap ULDO
MIC5335 MICREL-MIC5335_08 Datasheet
424Kb / 10P
   Dual, High Performance 300mA 關Cap ULDO?
MIC5320 MICREL-MIC5320 Datasheet
423Kb / 13P
   Dual, High Performance 150mA uCap ULDO
MIC5321 MICREL-MIC5321 Datasheet
428Kb / 12P
   Dual, High Performance 150mA UCap ULDO
MIC5318 MICREL-MIC5318_10 Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO
MIC5318YD5-TR MICREL-MIC5318YD5-TR Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com