Electronic Components Datasheet Search |
|
MIC5320-PGYD6 Datasheet(PDF) 5 Page - Micrel Semiconductor |
|
MIC5320-PGYD6 Datasheet(HTML) 5 Page - Micrel Semiconductor |
5 / 13 page Micrel, Inc. MIC5320 February 2011 5 M9999-021111-H Absolute Maximum Ratings(1) Supply Voltage (VIN) .....................................0V to +6V Enable Input Voltage (VEN)...........................0V to +6V Power Dissipation………………… Internally Limited (3) Lead Temperature (soldering, 3sec) ..................260°C Storage Temperature (TS)................ –65°C to +150°C ESD Rating (4) .........................................................2kV Operating Ratings(2) Supply Voltage (VIN).............................. +2.3V to +5.5V Enable Input Voltage (VEN).............................. 0V to VIN Junction Temperature (TJ) ................. –40°C to +125°C Junction Thermal Resistance Thin MLF-6 / MLF-6 ( θJA) ........................ 100°C/W TSOT-6 ( θJA) ........................................... 235°C/W Electrical Characteristics(5) VIN = EN1 = EN2 = VOUT + 1.0V; higher of the two regulator outputs, IOUTLDO1 = IOUTLDO2 = 100µA; COUT1 = COUT2 = 1µF; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C, unless noted. Parameter Conditions Min Typ Max Units Variation from nominal VOUT -2.0 +2.0 % Output Voltage Accuracy Variation from nominal VOUT; –40°C to +125°C -3.0 +3.0 % Line Regulation VIN = VOUT + 1V to 5.5V; IOUT = 100µA 0.02 0.3 0.6 %/V %/V Load Regulation IOUT = 100µA to 150mA 0.5 2 % Dropout Voltage (6) IOUT = 100µA IOUT = 50mA IOUT = 100mA IOUT = 150mA 0.1 12 25 35 50 75 100 mV mV mV mV Ground Current EN1 = High; EN2 = Low; IOUT = 100µA to 150mA EN1 = Low; EN2 = High; IOUT = 100µA to 150mA EN1 = EN2 = High; IOUT1 = 150mA, IOUT2 = 150mA 85 85 150 120 120 190 µA µA µA Ground Current in Shutdown EN1 = EN2 = 0V 0.01 2 µA Ripple Rejection f = 1kHz; COUT = 1.0µF f=20kHz; COUT = 1.0µF 65 45 dB dB Current Limit VOUT = 0V 300 550 950 mA Output Voltage Noise COUT = 1.0µF; 10Hz to 100KHz 90 µVRMS Enable Inputs (EN1 / EN2) Logic Low 0.2 V Enable Input Voltage Logic High 1.1 V VIL ≤ 0.2V 0.01 1 µA Enable Input Current VIH ≥ 1.0V 0.01 1 µA Turn-on Time (See Timing Diagram) Turn-on Time (LDO1 and 2) COUT = 1.0µF 30 100 µs Notes: 1. Exceeding the absolute maximum rating may damage the device. 2. The device is not guaranteed to function outside its operating rating. 3. The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = TJ(max) – TA) / θJA. Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown. 4. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF. 5. Specification for packaged product only. 6. Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal VOUT. For outputs below 2.3V, the dropout voltage is the input-to-output differential with the minimum input voltage 2.3V. |
Similar Part No. - MIC5320-PGYD6 |
|
Similar Description - MIC5320-PGYD6 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |