Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5320-NDYD6 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC5320-NDYD6
Description  High-Performance Dual 150mA 關Cap ULDO?
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5320-NDYD6 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC5320-NDYD6 Datasheet HTML 5Page - Micrel Semiconductor MIC5320-NDYD6 Datasheet HTML 6Page - Micrel Semiconductor MIC5320-NDYD6 Datasheet HTML 7Page - Micrel Semiconductor MIC5320-NDYD6 Datasheet HTML 8Page - Micrel Semiconductor MIC5320-NDYD6 Datasheet HTML 9Page - Micrel Semiconductor MIC5320-NDYD6 Datasheet HTML 10Page - Micrel Semiconductor MIC5320-NDYD6 Datasheet HTML 11Page - Micrel Semiconductor MIC5320-NDYD6 Datasheet HTML 12Page - Micrel Semiconductor MIC5320-NDYD6 Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Micrel, Inc.
MIC5320
February 2011
11
M9999-021111-H
Substituting PD for PD(max) and solving for the ambient
operating
temperature will
give
the
maximum
operating conditions for the regulator circuit. The
junction-to-ambient
thermal
resistance
for
the
minimum footprint is 100°C/W.
The maximum power dissipation must not be
exceeded for proper operation.
For example, when operating the MIC5320-MFYMT at
an input voltage of 3.3V and 150mA loads at each
output with a minimum footprint layout, the maximum
ambient operating temperature TA can be determined
as follows:
0.345W = (125°C – TA)/(100°C/W)
TA = 90.5°C
Therefore, a 2.8V/1.5V application with 150mA at
each output current can accept an ambient operating
temperature of 90.5°C in a 1.6mm x 1.6mm Thin
MLF
® package. For a full discussion of heat sinking
and thermal effects on voltage regulators, refer to the
“Regulator Thermals” section of Micrel’s Designing
with Low-Dropout Voltage Regulators
handbook. This
information can be found on Micrel's website at:
http://www.micrel.com/_PDF/other/LDOBk_ds.pdf


Similar Part No. - MIC5320-NDYD6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5320-NDYD6 MICREL-MIC5320-NDYD6 Datasheet
423Kb / 13P
   Dual, High Performance 150mA uCap ULDO
More results

Similar Description - MIC5320-NDYD6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5322 MICREL-MIC5322 Datasheet
317Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5322_0805 MICREL-MIC5322_0805 Datasheet
263Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5321 MICREL-MIC5321_08 Datasheet
345Kb / 12P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5301 MICREL-MIC5301 Datasheet
406Kb / 11P
   Single, 150mA 關Cap ULDO?
MIC5301 MICREL-MIC5301_08 Datasheet
419Kb / 11P
   Single, 150mA 關Cap ULDO
MIC5335 MICREL-MIC5335_08 Datasheet
424Kb / 10P
   Dual, High Performance 300mA 關Cap ULDO?
MIC5320 MICREL-MIC5320 Datasheet
423Kb / 13P
   Dual, High Performance 150mA uCap ULDO
MIC5321 MICREL-MIC5321 Datasheet
428Kb / 12P
   Dual, High Performance 150mA UCap ULDO
MIC5318 MICREL-MIC5318_10 Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO
MIC5318YD5-TR MICREL-MIC5318YD5-TR Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com