Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC502BM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC502BM
Description  Fan Management IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC502BM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC502BM Datasheet HTML 1Page - Micrel Semiconductor MIC502BM Datasheet HTML 2Page - Micrel Semiconductor MIC502BM Datasheet HTML 3Page - Micrel Semiconductor MIC502BM Datasheet HTML 4Page - Micrel Semiconductor MIC502BM Datasheet HTML 5Page - Micrel Semiconductor MIC502BM Datasheet HTML 6Page - Micrel Semiconductor MIC502BM Datasheet HTML 7Page - Micrel Semiconductor MIC502BM Datasheet HTML 8Page - Micrel Semiconductor MIC502BM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Micrel, Inc.
MIC502
November 2006
4
M9999-112206
Symbol
Parameter
Condition
Min
Typ
Max
Units
Overtemperature Fault Output
VOL
Active (Low) Output Voltage
IOL = 2mA
0.3
V
IOH
Off-State Leakage
V/OTF = VDD
1
µA
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended.
4. Part is functional over this VDD range; however, it is characterized for operation at 4.5V ≤ VDD ≤ 5.5V and 10.8V ≤ VDD ≤ 13.2V ranges. These ranges
correspond to nominal VDD of 5V and 12V, respectively.
5. Guaranteed by design.
6. VOT is guaranteed by design to always be higher than VPWM(max).
7. Logic time base and PWM frequency. For other values of CF, f(Hz) = 30Hz
C
F
0.1
µ
, where C is in µF.
Timing Diagrams
VOH
VOL
50%
80%
40%
0%
100%
40%
70%
tSTARTUP
tPWM
Output
Duty Cycle
AB
C
D
E
F
G
0.7VDD
0.3VDD
0.3VDD
VT1
VT2
VSLP
100%
0%
30%
70%
80%
50%
40%
40%
Input
Signal
Range
VOT
VIH
VIL
0V
VOH
VOL
VOUT
VOTF
0V
0V
Figure 1. Typical System Behavior
Note A.
Output duty-cycle is initially determined by VT1, as it is greater than VT2.
Note B.
PWM duty-cycle follows VT1 as it increases.
Note C.
VT1 drops below VT2. VT2 now determines the output duty-cycle.
Note D.
The PWM duty-cycle follows VT2 as it increases.
Note E.
Both VT1 and VT2 decrease below VSLP but above VIL. The device enters sleep mode.
Note F.
The PWM ‘wakes up’ because one of the control inputs (VT1 in this case) has risen above VWAKE. The startup timer is triggered, forcing OUT
high for 64 clock periods. (VWAKE = VSLP + VHYST. See “Electrical Characteristics”).
Note G.
Following the startup interval, the PWM duty-cycle is the higher of VT1 and VT2.


Similar Part No. - MIC502BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC502BM MICREL-MIC502BM Datasheet
130Kb / 11P
   Fan Management IC Advance Information
MIC502BM MICREL-MIC502BM Datasheet
240Kb / 15P
   Fan Management IC
More results

Similar Description - MIC502BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC502 MICREL-MIC502_11 Datasheet
240Kb / 15P
   Fan Management IC
MIC502 MICREL-MIC502 Datasheet
130Kb / 11P
   Fan Management IC Advance Information
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Micrel Semiconductor
MIC3000 MICREL-MIC3000 Datasheet
416Kb / 68P
   SFP Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Micrel Semiconductor
MIC3000 MICREL-MIC3000_07 Datasheet
452Kb / 68P
   FOM Management IC
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com